Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 5 Page - Analog Devices

Part # DS9101
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 5 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is
important that each device on the bus be able to drive
it at the appropriate time. To facilitate this, each device
attached to the 1-Wire bus must have open-drain or three-
state outputs. The 1-Wire port of the DS1990A is open
drain with an internal circuit equivalent to that shown in
Figure 4. A multidrop bus consists of a 1-Wire bus with
multiple slaves attached. At standard speed, the 1-Wire
bus has a maximum data rate of 16.3kbps. The value
of the pullup resistor primarily depends on the network
size and load conditions. The idle state for the 1-Wire
bus is high. If for any reason a transaction needs to be
suspended, the bus
must be left in the idle state if the
transaction is to resume. If this does not occur and the
bus is left low for more than 120μs, one or more devices
on the bus may be reset.
Transaction Sequence
The protocol for accessing the DS1990A through the
1-Wire port is as follows:
● Initialization
● ROM Function Command
Initialization
All transactions on the 1-Wire bus begin with an initializa-
tion sequence. The initialization sequence consists of a
reset pulse transmitted by the bus master followed by
presence pulse(s) transmitted by the slave(s). The pres-
ence pulse lets the bus master know that the DS1990A is
on the bus and is ready to operate. For more details, see
the 1-Wire Signaling section.
Figure 4. Hardware Configuration
www.analog.com
Analog Devices │ 5
DS1990A
Serial Number iButton
Rx
RPUP
VPUP
SIMPLE BUS MASTER
DS2480B BUS MASTER
OPEN-DRAIN
PORT PIN
100 MOSFET
Tx
Rx
Tx
DATA
DS1990A 1-Wire PORT
Rx = RECEIVE
Tx = TRANSMIT
VDD
POL
RXD
SERIAL IN
SERIAL OUT
TXD
VPP
GND
N.C.
1-W
TO 1-Wire DATA
+5V
HOST CPU
SERIAL
PORT
DS2480B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com