Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 1 Page - Analog Devices

Part # DS9101
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 1 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The DS1990A serial number iButton® is a rugged data
carrier that serves as an electronic registration number for
automatic identification. Data is transferred serially through
the 1-Wire® protocol, which requires only a single data lead
and a ground return. Every DS1990A has a unique 64-bit
registration number that allows for absolute traceability.
The durable stainless-steel iButton package is highly resis-
tant to environmental hazards such as dirt, moisture, and
shock. Its compact coin-shaped profile is self-aligning with
mating receptacles, allowing the DS1990A to be used eas-
ily by human operators. Accessories enable the DS1990A
iButton to be mounted on almost any object, including con-
tainers, pallets, and bags.
Applications
● Access Control
● Work-in-Progress Tracking
● Tool Management
● Inventory Control
Features
● Can Be Read in Less Than 5ms
Common iButton Features
● Unique 64-Bit Registration Number Ensures Error-
Free Device Selection and Absolute Traceability
Because No Two Parts are Alike
● Built-In Multidrop Controller for 1-Wire Net
● Digital Identification by Momentary Contact
● Data Can Be Accessed While Affixed to Object
● Economically Communicates to Bus Master with a
Single Digital Signal at 16.3kbps
● Button Shape is Self-Aligning with Cup-Shaped
Probes
● Durable Stainless-Steel Case Engraved with
Registration Number Withstands Harsh Environments
● Easily Affixed with Self-Stick Adhesive Backing,
Latched by its Flange, or Locked with a Ring
Pressed Onto its Rim
iButton and 1-Wire are registered trademarks of Maxim
Integrated Products, Inc.
19-8145; Rev: 11/21
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
DS1990A-F5+
-40°C to +85°C
F5 iButton
DS1990A-F3+
-40°C to +85°C
F3 iButton
DS1990AA-F5+
-40°C to +85°C
F5 iButton
DS1990AA-F3+
-40°C to +85°C
F3 iButton
PART
ACCESSORY
DS9096P
Self-Stick Adhesive Pad
DS9101
Multipurpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
Serial Number iButton
DS1990A
Design
Resources
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2021 Analog Devices, Inc. All rights reserved.
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click
here to ask an associate for production status of specific part numbers.
Pin Configurations
Examples of Accessories
16.25mm
5.89mm
0.51mm
3.10mm
0.51mm
17.35mm
BRANDING
F5 SIZE
GND
GND
IO
IO
F3 SIZE
89
01
000000FBC52B
1-Wire®
®
W ZZZ DS1990A
16.25mm
5.89mm
0.51mm
17.35mm
BRANDING
F5 SIZE
GND
IO
3.10mm
0.51mm
F3 SIZE
GND
IO
89
01
1-Wire®
®
000000FBC52B
Ordering Information


Similar Part No. - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9101 DALLAS-DS9101 Datasheet
72Kb / 12P
RTC iButton
DS9101 DALLAS-DS9101 Datasheet
729Kb / 22P
Temperature iButton
logo
Maxim Integrated Produc...
DS9101 MAXIM-DS9101 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9101 MAXIM-DS9101 Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9101 MAXIM-DS9101 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
More results

Similar Description - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1413 DALLAS-DS1413 Datasheet
115Kb / 1P
Passive Serial Port iButton Holder
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
Serial Port iButton Holder
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com