Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 9 Page - Analog Devices

Part # DS9101
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 9 Page - Analog Devices

Back Button DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Slave-to-Master
A
read-data time slot begins like a write-one time slot. The
voltage on the data line must remain below VILMAX until
the read low time tRL is expired. During the tRL window,
when responding with a 0, the DS1990A starts pulling
the data line low; its internal timing generator determines
when this pulldown ends and the voltage starts rising
again. When responding with a 1, the DS1990A does not
hold the data line low at all, and the voltage starts rising
as soon as tRL is over.
The sum of tRL + δ (rise time) on one side and the internal
timing generator of the DS1990A on the other side define
the master sampling window (tMSRMIN to tMSRMAX) in
which the master must perform a read from the data line.
For most reliable communication, tRL should be as short
as permissible and the master should read close to but
no later than tMSRMAX. After reading from the data line,
the master must wait until tSLOT is expired. This guaran-
tees sufficient recovery time tREC for the DS1990A to get
ready for the next time slot.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
F3 iButton
IB#3NB
21-0252
F5 iButton
IB#5NB
21-0266
www.analog.com
Analog Devices │ 9
DS1990A
Serial Number iButton
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com