Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 7 Page - Analog Devices

Part # DS9101
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 7 Page - Analog Devices

Back Button DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1-Wire Signaling
The DS1990A requires strict protocols to ensure data
integrity. The protocol consists of four types of signaling
on one line: reset sequence with reset pulse and presence
pulse, write-zero, write-one, and read-data. Except for the
presence pulse, the bus master initiates all these signals.
To get from idle to active, the voltage on the 1-Wire line
needs to fall from VPUP to below VILMAX. To get from
active to idle, the voltage needs to rise from VILMAX to
above VIHMIN. The time it takes for the voltage to make
this rise, referenced as ε in Figure 6, depends on the
value of the pullup resistor (RPUP) and capacitance of the
1-Wire network attached.
The initialization sequence required to begin any commu-
nication with the DS1990A is shown in Figure 6. A reset
pulse followed by a presence pulse indicates that the
DS1990A is ready to receive a ROM function command. If
the bus master uses slew-rate control on the falling edge,
it must pull down the line for tRSTL + tF to compensate
for the edge.
After the bus master has released the line, it goes into
receive mode (Rx). Now the 1-Wire bus is pulled to VPUP
through the pullup resistor or, in the case of a DS2480B
driver, by active circuitry. When the VIHMIN is crossed, the
DS1990A waits for tPDH and then transmits a presence
pulse by pulling the line low for tPDL. To detect a presence
pulse, the master must test the logical state of the 1-Wire
line at tMSP.
Read/Write Time Slots
Data communication with the DS1990A takes place in
time slots that carry a single bit each. Write time slots
transport data from bus master to slave. Read time slots
transfer data from slave to master. The definitions of the
write and read time slots are illustrated in Figure 7.
All communication begins with the master pulling the data
line low. As the voltage on the 1-Wire line falls below
VILMAX, the DS1990A starts its internal timing generator
that determines when the data line is sampled during a
write time slot and how long data is valid during a read
time slot.
Master-to-Slave
For a
write-one time slot, the voltage on the data line
must have risen above VIHMIN after the write-one low
time tW1LMAX is expired. For a write-zero time slot, the
voltage on the data line must stay below VILMAX until the
write-zero low time tW0LMIN is expired. For most reliable
communication, the voltage on the data line should not
exceed VILMAX during the entire tW0L window. After the
voltage has risen above VIHMIN, the DS1990A needs a
recovery time tREC before it is ready for the next time slot.
Figure 6. Initialization Procedure: Reset and Presence Pulses
www.analog.com
Analog Devices │ 7
DS1990A
Serial Number iButton
RESISTOR
MASTER
DS1990A
tRSTL
tPDL
tRSTH
tPDH
MASTER Tx "RESET PULSE"
MASTER Rx "PRESENCE PULSE"
VPUP
VIHMIN
VILMAX
0V
ε
tF
tREC
tMSP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com