Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 30Page - Analog Devices ADN4604ASVZ Datasheet HTML 31Page - Analog Devices ADN4604ASVZ Datasheet HTML 32Page - Analog Devices ADN4604ASVZ Datasheet HTML 33Page - Analog Devices ADN4604ASVZ Datasheet HTML 34Page - Analog Devices ADN4604ASVZ Datasheet HTML 35Page - Analog Devices ADN4604ASVZ Datasheet HTML 36Page - Analog Devices ADN4604ASVZ Datasheet HTML 37Page - Analog Devices ADN4604ASVZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADN4604
Data Sheet
Rev. A | Page 34 of 40
SUPPLY SEQUENCING
Ideally, all power supplies should be brought up to the appropri-
ate levels simultaneously (power supply requirements are set by
the supply limits in Table 1 and the absolute maximum ratings
listed in Table 4). If the power supplies to the ADN4604 are
brought up separately, the supply power-up sequence is as follows:
DVCC powered first, followed by VCC, and, last the termination
supplies (VTTIE, VTTIW, VTTON, and VTTOS). The power-down
sequence is reversed with termination supplies being powered
off first. The termination supplies contain ESD protection
diodes to the VCC power domain. To avoid a sustained high
current condition in these devices (ISUSTAINED < 100 mA), the
VTTI and VTTO supplies should be powered on after VCC and
should be powered off before VCC.
If the system power supplies have a high impedance in the
powered off state, then supply sequencing is not required
provided the following limits are observed:
•
Peak current from VTTIx or VTTOx to VCC < 200 mA
•
Sustained current from VTTIx or VTTOx to VCC < 100 mA
POWER DISSIPATION
The power dissipation of the ADN4604 depends on the supply
voltages, I/O coupling type, and device configuration. The
input termination resistors dissipate power depending on the
differential input swing and common-mode voltage. When ac-
coupled, the common-mode voltage is equal to the termination
supply voltage (VTTIE or VTTIW). While the current drawn from
the input termination supply is effectively zero, there is still
power and heat dissipated in the termination resistors as a result
of the differential signal swing. The core supply current and
output termination current are strongly dependent on device
configuration, such as the number of channels enabled, output
level setting, and output preemphasis setting.
In high ambient temperature operating conditions, it is impor-
tant to avoid exceeding the maximum junction temperature of
the device. Limiting the total power dissipation can be achieved
by the following:
•
Reducing the output swing
•
Reducing the preemphasis level
•
Decreasing the supply voltages within the allowable ranges
defined in Table 1
•
Disabling unused channels
Alternatively, the thermal resistance can be reduced by
•
Adding an external heat-sink
•
Increasing the airflow
Refer to the Printed Circuit Board (PCB) Layout Guidelines
section for recommendations for proper thermal stencil layout
and fabrication.
OUTPUT COMPLIANCE
In low voltage applications, users must pay careful attention
to both the differential and common-mode signal level. The
choice of output voltage swing, preemphasis setting, supply
voltages (VCC and VTTO), and output coupling (ac or dc) affect
peak and settled single-ended voltage swings and the common-
mode shift measured across the output termination resistors.
These choices also affect output current and, consequently,
power consumption. Table 19 shows the change in output
common mode (ΔVOCM = VCC − VOCM) with output level and
preemphasis setting. Single-ended output levels are calculated
for VTTO supplies of 3.3 V and 2.5 V to illustrate practical
challenges of reducing the supply voltage. The minimum VL (min
VL) cannot be below the absolute minimum level specified in
Table 1. The combinations of output level, preemphasis, supply
voltage, and output coupling for which the minimum VL
specification is violated are listed as N/A in Table 1.
Since the absolute minimum output voltage specified in Table 1
is relative to VCC, decreasing VCC is required to maintain the
output levels within the specified limits when lower output
termination voltages are required. VTTO voltages as low as 1.8 V
are allowable for output swings less than or equal to 400 mV
(single-ended). Figure 54 illustrates an application where the
ADN4604 is used as a dc-coupled level translator to interface a
3.3 V CML driver to an ASIC with 1.8 V I/Os. The diode in
series with VCC reduces the voltage at VCC for improved output
compliance.
CML
VEE
VTTOx
1.8V
1.8V
3.3V
3.3V
VCC
VTTIx
ADN4604
CML
3.3V
Z0
Z0
Z0
Z0
ASIC
Rx
Figure 54. DC-Coupled Level Translator Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com