Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 19Page - Analog Devices ADN4604ASVZ Datasheet HTML 20Page - Analog Devices ADN4604ASVZ Datasheet HTML 21Page - Analog Devices ADN4604ASVZ Datasheet HTML 22Page - Analog Devices ADN4604ASVZ Datasheet HTML 23Page - Analog Devices ADN4604ASVZ Datasheet HTML 24Page - Analog Devices ADN4604ASVZ Datasheet HTML 25Page - Analog Devices ADN4604ASVZ Datasheet HTML 26Page - Analog Devices ADN4604ASVZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 23 of 40
TERMINATION
The inputs and outputs include integrated 50 Ω termination
resistors. For applications that require external termination
resistors, the internal resistors can be disabled. For example,
disabling the integrated 50 Ω termination resistors allows
alternative termination values such as 75 Ω as shown in
Figure 45.
Note that the integrated 50 Ω termination resistors are optimal
for high data rate digital signaling. Disabling the terminations
can reduce the overall performance.
The termination control is separated by quadrants (North =
Outputs[15:8], South = Outputs[7:0], East = Inputs[15:8], and
West = Inputs[7:0]).
Table 16 shows the termination control register. A Logic 0
enables the terminations for the respective quadrant. A Logic 1
disables the terminations for the respective quadrant. The
terminations are enabled by default.
CML
50Ω
50Ω
50Ω
50Ω
75Ω
75Ω
VEE
VTTOx
50Ω
VTTOx
VCC
VTTIx
VTTIx
ADN4604
75Ω
75Ω
50Ω
50Ω
Rx
Figure 45. 75 Ω to 50 Ω Impedance Translator.
Table 16. Termination Control Register
Address
Default
Register Name
Bit
Bit Name
Description
0xF0
0x00
Termination control
3
TXN_TERM
Output[15:8] (North) termination control
0: Terminations enabled
1: Terminations disabled
2
TXS_TERM
Output[7:0] (South) termination control
0: Terminations enabled
1: Terminations disabled
1
RXE_TERM
Input[15:8] (East) termination control
0: Terminations enabled
1: Terminations disabled
0
RXW_TERM
Input[7:0] (West) termination control
0: Terminations enabled
1: Terminations disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com