Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 4Page - Analog Devices ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices ADN4604ASVZ Datasheet HTML 11Page - Analog Devices ADN4604ASVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADN4604
Data Sheet
Rev. A | Page 8 of 40
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
RESET
Control
Configuration Registers Reset, Active Low. This pin is normally pulled up
to DVCC.
2
IP0
Input
High Speed Input.
3
IN0
Input
High Speed Input Complement.
4, 13, 22, 35, 41, 54, 63,
72, 85, 91
VCC
Power
Positive Supply.
5
IP1
Input
High Speed Input.
6
IN1
Input
High Speed Input Complement.
7, 19
VTTIW
Power
Input Termination Supply (West). These pins are normally tied to the
VTTIE pins.
8
IP2
Input
High Speed Input.
9
IN2
Input
High Speed Input Complement.
10, 16, 29, 38, 47, 60, 66,
79, 88, 97, EPAD
VEE
Power
Negative Supply.
11
IP3
Input
High Speed Input.
12
IN3
Input
High Speed Input Complement.
14
IP4
Input
High Speed Input.
15
IN4
Input
High Speed Input Complement.
17
IP5
Input
High Speed Input.
18
IN5
Input
High Speed Input Complement.
20
IP6
Input
High Speed Input.
21
IN6
Input
High Speed Input Complement.
23
IP7
Input
High Speed Input.
24
IN7
Input
High Speed Input Complement.
25
UPDATE
Control
Second Rank Write Enable, Active Low. This pin is normally pulled up
to DVCC.
26
I2C/SPI
Control
I2C/SPI Control Interface Selection, I2C Active Low.
27
OP0
Output
High Speed Output.
28
ON0
Output
High Speed Output Complement.
30
OP1
Output
High Speed Output.
31
ON1
Output
High Speed Output Complement.
32, 44
VTTOS
Power
Output Termination Supply (South). These pins are normally tied to the VTTON pins.
33
OP2
Output
High Speed Output.
34
ON2
Output
High Speed Output Complement.
36
OP3
Output
High Speed Output.
37
ON3
Output
High Speed Output Complement.
39
OP4
Output
High Speed Output.
40
ON4
Output
High Speed Output Complement.
42
OP5
Output
High Speed Output.
43
ON5
Output
High Speed Output Complement.
45
OP6
Output
High Speed Output.
46
ON6
Output
High Speed Output Complement.
48
OP7
Output
High Speed Output.
49
ON7
Output
High Speed Output Complement.
50
ADDR1/SDI
Control
I2C Slave Address Bit 1 (MSB) or SPI Data Input.
51
ADDR0/CS
Control
I2C Slave Address Bit 0 (LSB) or SPI Chip Select (Active Low).
52
IP8
Input
High Speed Input.
53
IN8
Input
High Speed Input Complement.
55
IP9
Input
High Speed Input.
56
IN9
Input
High Speed Input Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com