Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices ADN4604ASVZ Datasheet HTML 11Page - Analog Devices ADN4604ASVZ Datasheet HTML 12Page - Analog Devices ADN4604ASVZ Datasheet HTML 13Page - Analog Devices ADN4604ASVZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADN4604
Data Sheet
Rev. A | Page 10 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VTTIx = 3.3 V, VTTOx = 3.3 V, DVCC = 3.3 V, VEE = 0 V, RL = 50 Ω, data rate = 4.25 Gbps, ac-coupled inputs and outputs, differential
input swing = 800 mV p-p, TA = 27°C, unless otherwise noted.
50Ω CABLES
2
2
HIGH SPEED
SAMPLING
OSCILLOSCOPE
50Ω CABLES
2
2
50Ω
ADN4604
AC-COUPLED
EVALUATION
BOARD
INPUT
PIN
OUTPUT
PIN
PATTERN
GENERATOR
DATA OUT
TP2
TP1
0.167IU/DIV
REFERENCE EYE DIAGRAM AT TP1
Figure 6. Standard Test Circuit
0.167IU/DIV
Figure 7. 3.25 Gbps Input Eye (TP1 from Figure 6)
0.167IU/DIV
Figure 8. 4.25 Gbps Input Eye (TP1 from Figure 6)
0.167IU/DIV
Figure 9. 3.25 Gbps Output Eye (TP2 from Figure 6)
0.167IU/DIV
Figure 10. 4.25 Gbps Output Eye (TP2 from Figure 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com