Electronic Components Datasheet Search
  English  ▼

X  

MAX77958 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX77958
Description  Standalone USB Type-C and USB Power Delivery Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77958 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX77958 Datasheet HTML 28Page - Analog Devices MAX77958 Datasheet HTML 29Page - Analog Devices MAX77958 Datasheet HTML 30Page - Analog Devices MAX77958 Datasheet HTML 31Page - Analog Devices MAX77958 Datasheet HTML 32Page - Analog Devices MAX77958 Datasheet HTML 33Page - Analog Devices MAX77958 Datasheet HTML 34Page - Analog Devices MAX77958 Datasheet HTML 35Page - Analog Devices MAX77958 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
USB Type-C Interface and Control
Automatic Accessory Detection
Autoconfiguration Details
CCDetEn = 0 or ChgDetEn = 0
1. Nothing happens when VBUS is attached. Nothing occurs when ChgDetMan is set to 1.
CCDetEn = 1 and ChgDetEn = 1
1. Charger detection runs automatically when VBUS is attached
2. If VBUS voltage enters the valid range, all switches connected to DP/DN are opened
3. Charger detection algorithm begins.
4. When charger detection finishes, DP/DN switch settings are restored.
USBAuto = 0
1. No automatic switch configuration happens
USBAuto = 1
1. Operates only after charger detection completes, SDP or CDP is found, and if no special charger is found (SpChgTyp
= 000 unknown).
2. Set DP/DN connected to DP2/DN1, over-riding any previous switch setting.
3. At any time, the AP is allowed to change these switch settings.
4. If AP has not changed the switch settings when VBUS drops below the valid level, DP/DN sets to Hi-Z.
MAX77958
Standalone USB Type-C and USB Power Delivery
Controller
www.analog.com
Analog Devices | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com