Electronic Components Datasheet Search
  English  ▼

X  

MAX77958 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX77958
Description  Standalone USB Type-C and USB Power Delivery Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77958 Datasheet(HTML) 2 Page - Analog Devices

  MAX77958 Datasheet HTML 1Page - Analog Devices MAX77958 Datasheet HTML 2Page - Analog Devices MAX77958 Datasheet HTML 3Page - Analog Devices MAX77958 Datasheet HTML 4Page - Analog Devices MAX77958 Datasheet HTML 5Page - Analog Devices MAX77958 Datasheet HTML 6Page - Analog Devices MAX77958 Datasheet HTML 7Page - Analog Devices MAX77958 Datasheet HTML 8Page - Analog Devices MAX77958 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
Simplified Block Diagram
DN
DP
MAX77958
MAX77958
CC1
CC2
1µF
35V
27pF
25V
27pF
25V
1µF
6.3V
1µF
6.3V
2.2µF
10V
AVL
VDD1P8
VDD1P1
GPIO7
VBUS
VIO
1µF
6.3V
VIO1
SCL
SDA
INTB
GND_D
GND_A
CC1
CC2
DN
DP
VBUS
USB TYPE-C CONNECTOR
SCL_M
SDA_M
GPIO8
VIO2
VCIN
1µF
10V
VCIN EN
SYS
1µF
35V
VSYS
AP
GPIO0*
GPIO1*
GPIO3*
GPIO4
GPIO5
GPIO6*
DN1
DP2
GPIO2
VCIN
VIO
1µF
6.3V
CHARGER
INTB
(*)THESE PINS ARE CONFIGURED FOR SPECIFIC FUNCTIONS BY DEFAULT. SEE PIN DESCRIPTION FOR DETAILS ON USING AS GPIO.
MAX77958
Standalone USB Type-C and USB Power Delivery
Controller
www.analog.com
Analog Devices | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com