Electronic Components Datasheet Search
  English  ▼

X  

MAX77958 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX77958
Description  Standalone USB Type-C and USB Power Delivery Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77958 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX77958 Datasheet HTML 9Page - Analog Devices MAX77958 Datasheet HTML 10Page - Analog Devices MAX77958 Datasheet HTML 11Page - Analog Devices MAX77958 Datasheet HTML 12Page - Analog Devices MAX77958 Datasheet HTML 13Page - Analog Devices MAX77958 Datasheet HTML 14Page - Analog Devices MAX77958 Datasheet HTML 15Page - Analog Devices MAX77958 Datasheet HTML 16Page - Analog Devices MAX77958 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
Electrical Characteristics (continued)
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDAT_REF Threshold
VDAT_REF
0.25
0.32
0.4
V
VDAT_REF Hysteresis
VDAT_REF_H
0.015
V
OVDX Comparator
Falling Threshold
VOVDX_THF
Falling DP/DN threshold with respect to
AVL
-40
+80
mV
OVDX Comparator
Rising Threshold
VOVDX_THR
Rising DP/DN threshold with respect to
AVL
0
150
mV
DP/DN Overvoltage
Debounce
tOVDxDeb
90
100
110
μs
DN/DP Load Resistor
RUSB
Load resistor on DP/DN
3
6.1
12
MΩ
VD33 Voltage
VDP/
DM_3p3VSRC/
VSRC33
Tested at zero load and at 200μA load
2.6
3.0
3.3
V
VSRC33ILIM Current
Limit
ILIMVSRC33
Force 1.6V on DP/DN, measure current
1.5
3
mA
VDN_SRC Voltage
VDN_SRC/VSR
C06
Accurate over ILOAD = 0 to 200μA
0.5
0.6
0.7
V
VDP_SRC Voltage
VDP_SRC/VSR
C06
Accurate over ILOAD = 0 to 200μA
0.5
0.6
0.7
V
USB TYPE-C / CC DETECTION
CC Pin Voltage, in DFP
1.5A Mode
VCC_PIN
Measured at CC pins with 126kΩ load,
IDFP1.5_CC enable and VAVL ≥ 2.6V
1.85
V
CC Pin Voltage, in DFP
3.0A Mode
VCC_PIN
Measured at CC pins with 126kΩ load,
IDFP3.0_CC enable and AVL ≥ 3.65V
3.1
V
CC Pin Clamp Voltage
VCC_ClAMP
60μA ≤ ICC ≤ 600μA
0.88
1.1
1.32
V
CC UFP Pulldown
Resistance
RPD_UFP
-10%
5.1
+10%
kΩ
CC DFP Low-Power
Mode
VDFPLP_CC
AVL ≥ 2.6V, IDFPULP_CC current source
enabled, 1.1V
1.2
V
CC DFP Ultra-Low-
Power Current Source
IDFPULP_CC
Measured at CC = 0.5V
-10%
1
+10%
μA
Measured at CC = 1.0V, TA = +25°C
-10%
1
+10%
Measured at CC = 1.0V
-12%
1
+12%
CC DFP 0.5A Current
Source
IDFP0.5_CC
-20%
80
+20%
μA
CC DFP 1.5A Current
Source
IDFP1.5_CC
-8%
180
+8%
μA
CC DFP 3A Current
Source
IDFP3A_CC
-8%
330
+8%
μA
CC RA RD Threshold
VRA_RD0.5
0.15
0.2
0.25
V
CC UFP 0.5A RD
Threshold
VUFP_RD0.5
0.61
0.66
0.7
V
CC UFP 0.5A RD
Hysteresis
VUFP_RD0.5_H
0.015
V
CC UFP 1.5A RD
Threshold
VUFP_RD1.5
1.16
1.23
1.31
V
MAX77958
Standalone USB Type-C and USB Power Delivery
Controller
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com