Electronic Components Datasheet Search
  English  ▼

X  

MAX77958 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX77958
Description  Standalone USB Type-C and USB Power Delivery Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77958 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX77958 Datasheet HTML 48Page - Analog Devices MAX77958 Datasheet HTML 49Page - Analog Devices MAX77958 Datasheet HTML 50Page - Analog Devices MAX77958 Datasheet HTML 51Page - Analog Devices MAX77958 Datasheet HTML 52Page - Analog Devices MAX77958 Datasheet HTML 53Page - Analog Devices MAX77958 Datasheet HTML 54Page - Analog Devices MAX77958 Datasheet HTML 55Page - Analog Devices MAX77958 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
BITFIELD
BITS
DESCRIPTION
DECODE
SYSMsg
7:0
SYSMsg
0x00: SYSERROR_NONE
0x03: SYSERROR_BOOT_WDT
0x04: SYSERROR_BOOT_SWRSTREQ
0x05: SYSERROR_BOOT_POR
0x31: SYSERROR_APCMD_UNKNOWN
0x32: SYSERROR_APCMD_INPROGRESS
0x33: SYSERROR_APCMD_FAIL
0xC0: SYSERROR_MTP_WRITEFAIL
0xC1: SYSERROR_MTP_READFAIL
0xC2: SYSERROR_MTP_ERASEFAIL
0xC3: SYSERROR_MTP_CUSTMINFONOTSET
0xC4: SYSERROR_MTP_OVERACTIONBLKSIZE
0xE0: SYSERROR_FIRMWAREERROR
0xEA:
SYSERROR_EXECUTE_I2C_WRITEBURST_FAI
L
0xEB:
SYSERROR_EXECUTE_I2C_READBURST_FAIL
0xEC: SYSERROR_EXECUTE_I2C_READ_FAIL
0xED: SYSERROR_EXECUTE_I2C_WRITE_FAIL
BC_STATUS (0xA)
BIT
7
6
5
4
3
2
1
0
Field
VBUSDet
RSVD
PrChgTyp[2:0]
DCDTmo
ChgTyp[1:0]
Reset
0b0
0b0
0b000
0b0
0b00
Access
Type
Read Only
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
VBUSDet
7
Status of VBUS Detection
0b0: VBUS < VBDET
0b1: VBUS > VBDET
RSVD
6
Spare
PrChgTyp
5:3
Output of Proprietary Charger Detection
0b000: Unknown
0b001: RSVD
0b010: RSVD
0b011: RSVD
0b100: RSVD
0b101: RSVD
0b110: 3A DCP (If enabled AND chgTyp=DCP)
0b111: Nikon TA (If enabled AND chgTyp=SDP)
DCDTmo
2
During Charger Detection, DCD Detection
Timed Out.
Indicates D+/D- are open. BC1.2 detection
continues as required by BC1.2 specification
but SDP most likely is found.
0b0: No timeout or detection has not run.
0b1: DCD timeout occurred.
ChgTyp
1:0
Output of Charger Detection
0b00: Nothing attached.
0b01: SDP, USB cable attached.
0b10: CDP, Charging Downstream Port: current
depends on USB operating speed.
0b11: DCP, Dedicated Charger: current up to 1.5A.
MAX77958
Standalone USB Type-C and USB Power Delivery
Controller
www.analog.com
Analog Devices | 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com