Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TDL2
Description  UHF Transparent Data Link transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDL2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TDL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Radiometrix Ltd
TDL2 Data Sheet
page 5
Figure 5: TDL2 transmitting and receiving
The oscilloscope screen capture shows a single ASCII character being transmitted by TDL2. A BiM2-
433-160 transceiver is used to capture the transmitted data
The character appears on the serial data output (RXD) pin of the other TDL2 after about 11.3ms. Busy
(STATUS) pin is momentarily set high to indicate the presence of a valid data in the receive buffer of
the TDL2.
It can be clearly seen that unlike raw radio modules, TDL2 does not output any noise when there is not
any transmission. Data fed into the TXD input of a TDL2 appears at the RXD output of another TDL2
within radio range in the original form it was fed.
Figure 6: Bi-phase encoded TDL2 data packet (expanded view)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com