Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDL2
Description  UHF Transparent Data Link transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Radiometrix Ltd
TDL2 Data Sheet
page 1
The TDL2 provides a half duplex link. Provided no two devices attempt to transmit simultaneously no
further restrictions on data transmission need be made, as all transmit timing, valid data identification
and datastream buffering is conducted by the unit. There is no Transmit Enable pin like BiM2.
Synchronisation and framing words in the packet prevent the receiver outputting garbage in the
absence of wanted RF signal or presence of interference. For multiple radio systems (polled networks) a
TDL2 can be set to 1 of 8 unique addresses (by default all units are shipped set to address 0).
Features
•
433MHz version conforms to EN 300 220-3 and EN 301 489-3
•
Crystal controlled PLL stabilised VCO
•
SAW front-end filter
•
Single conversion superhet
•
Serial baud rate at 9600bps (half-duplex)
•
Addressable point-to-point
•
Data Present indication
•
Fully screened. Low profile
Applications
•
Handheld terminals
•
EPOS equipment, barcode scanners
•
Data loggers
•
Industrial telemetry and telecommand
•
In-building environmental monitoring and control
•
GPS systems
•
Vehicle data up/download
Technical Summary
•
Operating frequency: 433.925MHz
•
Modulation: 16kbps bi-phase FSK
•
Supply: 5V at 25mA transmit, 20mA receive/idle
•
Transmit power: +3dBm (2mW)
•
Receiver sensitivity: -105dBm (for 1% data error)
•
32 byte data buffer
•
Transmit power-up time: <4ms
UHF Transparent Data Link transceiver
UHF Transparent Data Link transceiver
UHF Transparent Data Link transceiver
UHF Transparent Data Link transceiver
The TDL2 is a 9600 baud half-duplex
OEM radio modem in BiM2 footprint,
operating on European 433MHz ISM
band. TLD2 acts as a transparent serial
cable to attached host. TDL2 is an
intermediate level OEM radio modem
which is in between a raw FM radio
module like BiM2 and a sophisticated
OEM radio modem like SPM2. It takes
care of preamble, synchronisation, bit
balancing and error checking along
with automatic noise squelching.
Radiometrix
Hartcran House, Gibbs Couch, Watford, WD19 5EZ, England
Issue B, September 2004
TDL2
NE
W
Tel: +44 (0) 20 8428 1220, Fax: +44 (0) 20 8428 1221
Figure 1: TDL2 radio modem


Similar Part No. - TDL2

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDL2 TRACOPOWER-TDL2 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0510 TRACOPOWER-TDL2-0510 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0511 TRACOPOWER-TDL2-0511 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0512 TRACOPOWER-TDL2-0512 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0513 TRACOPOWER-TDL2-0513 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
More results

Similar Description - TDL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
UHF Multi Channel Transparent Data Link Transceiver
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
Low Power UHF Data Transceiver Module
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Semtech Corporation
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
logo
Radiometrix Ltd
DWA3 RADIOMETRIX-DWA3 Datasheet
288Kb / 7P
Transparent Data Link on 868/914MHz band
TDL3F RADIOMETRIX-TDL3F Datasheet
318Kb / 10P
Transparent Data Link on 868/914MHz band
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
UHF Multi Channel Transparent Data Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com