Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TDL2
Description  UHF Transparent Data Link transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDL2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TDL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Radiometrix Ltd
TDL2 Data Sheet
page 8
Condensed specifications
Frequency
433.925MHz
Frequency stability
±10kHz
Channel width
300kHz
Number of channels
1
Operating temperature
-10 C to +60 C (Storage -30 C to +70 C)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Interface
User
9pin 0.1" pitch molex
RF
3pin 0.1" pitch molex
Size
33 x 23 x 7mm
Transmitter
Output power
3dBm (2mW) ±1dB
TX on switching time
<4ms
Modulation type
16kbps bi-phase FSK
FM peak deviation
+/-15KHz
Adjacent channel TX power
<-37dBm
TX spurious
<-50dBm
Supply
Voltage
5V
Current
25mA transmit
Receiver
Sensitivity
-105dBm for 1% data error
image / spurious / adjacent channel
-55dB
Blocking
-85dB
LO re-radiation
<-60dBm
Supply
Voltage
5V
Current
20mA receive/idle
Data latency
14ms (first byte into TX, to first byte out of RX)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com