Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDL2
Description  UHF Transparent Data Link transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDL2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDL2 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Radiometrix Ltd
TDL2 Data Sheet
page 6
Programming the TDL2
In order to use all the functions embedded in the TDL2, the user must be aware of the
setup/programming facility, which allow different addresses to be set up, and if necessary accesses
diagnostic test modes.
The TDL2 is programmed through the same RS232 port that is used for sending/receiving data. An
RS232 terminal emulator (such as Aterm or HyperTerminal) is an ideal tool.
To enter program mode, the SETUP pin must be pulled low. In this mode the radio link is disabled, but
characters sent (at 9600 baud, as normal) to the unit are echoed back on the RXD pin.
The unit will only respond to certain command strings:
ADDR0 to ADDR7
These commands set up one of 8 unique addresses. A TDL2 will only
communicate with a unit set to the same address.
Address number is stored in volatile memory. On power-up the TDL2 reverts to
the default in EEPROM (as supplied this is always address 0)
SETPROGRAM:
Writes the current set address into EEPROM as the new default.
After a successful program cycle, a ~ (tilda) is sent to the terminal.
(these commands are normally only used for factory diagnostics)
NOTONE:
Transmit unmodulated carrier
LFTONE:
Transmit carrier modulated with 8KHz squarewave
HFTONE:
Transmit carrier modulated with 16KHz squarewave
#
Transmitter off
Releasing the SETUP pin to high state returns the TDL2 to normal operation.
Interfacing a microcontroller to TDL2
Figure 7: TDL2 interfaced directly to a microcontroller
TDL2 can be directly interfaced to any microcontrollers. If the microcontroller has a built-in UART, it
can concentrate on its main task and leave the packet formatting, bit balancing and error checking of
serial data to TDL2.
Serial data should be in the following format:
1 start bit, 8 data bits, no parity, 1 or 2 stop bits
9600bps
0V=low, 5V=high



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com