Electronic Components Datasheet Search
  English  ▼

X  

LT1086CT Datasheet(PDF) 7 Page - Linear Technology

Part # LT1086CT
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086CT Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1086CT Datasheet HTML 3Page - Linear Technology LT1086CT Datasheet HTML 4Page - Linear Technology LT1086CT Datasheet HTML 5Page - Linear Technology LT1086CT Datasheet HTML 6Page - Linear Technology LT1086CT Datasheet HTML 7Page - Linear Technology LT1086CT Datasheet HTML 8Page - Linear Technology LT1086CT Datasheet HTML 9Page - Linear Technology LT1086CT Datasheet HTML 10Page - Linear Technology LT1086CT Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1086 Series
sn1086 1086ffs
TYPICAL PERFORMANCE CHARACTERISTICS
CASE TEMPERATURE (
°C)
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
50
4
5
130
LT1086 • TPC20
3
2
1
0
70
90
110
150
120
60
80
100
140
LT1086MH
LT1086H Maximum Power
Dissipation*
LT1086H Ripple Rejection
BLOCK DIAGRAM
–
+
THERMAL
LIMIT
VADJ
VOUT
1086 • BD
VIN
FREQUENCY (Hz)
20
40
50
60
80
100
10
30
70
90
10
1k
10k
100k
LT1086 • TPC19
0
100
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
VRIPPLE ≤ 0.5VP-P
CADJ = 200µF AT FREQUENCIES < 60Hz
CADJ = 25µF AT FREQUENCIES > 60Hz
IOUT = 0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com