Electronic Components Datasheet Search
  English  ▼

X  

LT1086CT Datasheet(PDF) 15 Page - Linear Technology

Part # LT1086CT
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086CT Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1086CT Datasheet HTML 8Page - Linear Technology LT1086CT Datasheet HTML 9Page - Linear Technology LT1086CT Datasheet HTML 10Page - Linear Technology LT1086CT Datasheet HTML 11Page - Linear Technology LT1086CT Datasheet HTML 12Page - Linear Technology LT1086CT Datasheet HTML 13Page - Linear Technology LT1086CT Datasheet HTML 14Page - Linear Technology LT1086CT Datasheet HTML 15Page - Linear Technology LT1086CT Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1086 Series
sn1086 1086ffs
OBSOLETE PACKAGE
M Package
3-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1460)
K Package
2-Lead TO-3 Metal Can
(Reference LTC DWG # 05-08-1310)
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
K2 (TO-3) 1098
0.038 – 0.043
(0.965 – 1.09)
0.060 – 0.135
(1.524 – 3.429)
0.320 – 0.350
(8.13 – 8.89)
0.420 – 0.480
(10.67 – 12.19)
0.760 – 0.775
(19.30 – 19.69)
0.490 – 0.510
(12.45 – 12.95)
R
0.167 – 0.177
(4.24 – 4.49)
R
0.151 – 0.161
(3.86 – 4.09)
DIA, 2PLCS
1.177 – 1.197
(29.90 – 30.40)
0.655 – 0.675
(16.64 – 17.15)
0.067 – 0.077
(1.70 – 1.96)
0.210 – 0.220
(5.33 – 5.59)
0.425 – 0.435
(10.80 – 11.05)
M (DD3) 1098
0.050
(1.270)
BSC
0.143
+0.012
– 0.020
()
3.632
+0.305
–0.508
0.090 – 0.110
(2.286 – 2.794)
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com