Electronic Components Datasheet Search
  English  ▼

X  

LT1086CT Datasheet(PDF) 14 Page - Linear Technology

Part # LT1086CT
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086CT Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1086CT Datasheet HTML 8Page - Linear Technology LT1086CT Datasheet HTML 9Page - Linear Technology LT1086CT Datasheet HTML 10Page - Linear Technology LT1086CT Datasheet HTML 11Page - Linear Technology LT1086CT Datasheet HTML 12Page - Linear Technology LT1086CT Datasheet HTML 13Page - Linear Technology LT1086CT Datasheet HTML 14Page - Linear Technology LT1086CT Datasheet HTML 15Page - Linear Technology LT1086CT Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1086 Series
sn1086 1086ffs
TYPICAL APPLICATIONS
Improving Ripple Rejection
PACKAGE DESCRIPTION
Battery Backed Up Regulated Supply
VIN
5.2V LINE
5V BATTERY
LT1086-5
LT1086 • TA13
50
Ω
10
µF
SELECT FOR
CHARGE RATE
LT1086-5
100
µF
10
µF
6.5V
IN
OUT
GND
IN
OUT
GND
+
+
+
R1
121
Ω
1%
IN
OUT
ADJ
R2
365
Ω
1%
10
µF
VIN ≥ 6.5V
LT1086
VOUT = 5V
LT1086 • TA14
+
C1
10
µF*
150
µF
+
*C1 IMPROVES RIPPLE REJECTION.
XC SHOULD BE ≈ R1 AT RIPPLE FREQUENCY
Automatic Light Control
Low Dropout Negative Supply
IN
VIN
OUT
ADJ
10
µF
100
µF
LT1086
LT1086 • TA15
1.2k
+
IN
OUT
GND
10,000
µF
LT1086-12
LT1086 • TA16
100
µF
VOUT = –12V
FLOATING INPUT
VIN
+
+
0.016 – 0.021**
(0.406 – 0.533)
DIA
0.050
(1.270)
MAX
0.165 – 0.185
(4.191 – 4.699)
0.500
(12.700)
MIN
0.305 – 0.335
(7.747 – 8.509)
0.350 – 0.370
(8.890 – 9.398)
0.200
(5.080)
TYP
45
°
H3(TO-39) 1098
0.100
(2.540)
0.100
(2.540)
0.029 – 0.045
(0.737 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
REFERENCE
PLANE
*
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
H Package
3-Lead TO-39 Metal Can
(Reference LTC DWG # 05-08-1330)
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com