Electronic Components Datasheet Search
  English  ▼

X  

LT1168CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1168CS8 Datasheet HTML 7Page - Linear Technology LT1168CS8 Datasheet HTML 8Page - Linear Technology LT1168CS8 Datasheet HTML 9Page - Linear Technology LT1168CS8 Datasheet HTML 10Page - Linear Technology LT1168CS8 Datasheet HTML 11Page - Linear Technology LT1168CS8 Datasheet HTML 12Page - Linear Technology LT1168CS8 Datasheet HTML 13Page - Linear Technology LT1168CS8 Datasheet HTML 14Page - Linear Technology LT1168CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1168
1168fa
BLOCK DIAGRA
Q1
RG
2
OUTPUT
6
REF
1168 F01
5
7
–
+
A1
A3
VB
R1
24.7k
R3
400
Ω
R4
400
Ω
C1
1
RG 8
R7
30k
R8
30k
R5
30k
R6
30k
DIFFERENCE AMPLIFIER STAGE
PREAMP STAGE
+IN
–IN
3
–
+
A2
VB
R2
24.7k
C2
+VS
–VS
–VS
+VS
–VS
Q2
–VS
+VS
4 –VS
Figure 1. Block Diagram
The LT1168 is a modified version of the three op amp
instrumentation amplifier. Laser trimming and monolithic
construction allow tight matching and tracking of circuit
parameters over the specified temperature range. Refer to
the block diagram (Figure 1) to understand the following
circuit description. The collector currents in Q1 and Q2 are
trimmed to minimize offset voltage drift, thus assuring a
high level of performance. R1 and R2 are trimmed to an
absolute value of 24.7k to assure that the gain can be set
accurately (0.6% at G = 100) with only one external
resistor RG. The value of RG in parallel with R1 (R2)
determines the transconductance of the preamp stage. As
RG is reduced for larger programmed gains, the transcon-
ductance of the input preamp stage increases to that of the
input transistors Q1 and Q2. This increases the open-loop
gain when the programmed gain is increased, reducing
the input referred gain related errors and noise. The input
voltage noise at gains greater than 50 is determined only
by Q1 and Q2. At lower gains the noise of the difference
amplifier and preamp gain setting resistors increase the
noise. The gain bandwidth product is determined by C1,
C2 and the preamp transconductance which increases
with programmed gain. Therefore, the bandwidth does not
drop proportionally with gain.
The input transistors Q1 and Q2 offer excellent matching,
which is inherent in NPN bipolar transistors, as well as
picoampere input bias current due to superbeta process-
ing. The collector currents in Q1 and Q2 are held constant
due to the feedback through the Q1-A1-R1 loop and
Q2-A2-R2 loop which in turn impresses the differential
input voltage across the external gain set resistor RG.
Since the current that flows through RG also flows through
R1 and R2, the ratios provide a gained-up differential
THEORY OF OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com