Electronic Components Datasheet Search
  English  ▼

X  

LT1168CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1168CS8 Datasheet HTML 12Page - Linear Technology LT1168CS8 Datasheet HTML 13Page - Linear Technology LT1168CS8 Datasheet HTML 14Page - Linear Technology LT1168CS8 Datasheet HTML 15Page - Linear Technology LT1168CS8 Datasheet HTML 16Page - Linear Technology LT1168CS8 Datasheet HTML 17Page - Linear Technology LT1168CS8 Datasheet HTML 18Page - Linear Technology LT1168CS8 Datasheet HTML 19Page - Linear Technology LT1168CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1168
1168fa
a ground for the common mode signal. C1 was chosen to
maintain the stability of the patient ground. The LT1168’s
high CMRR ensures that the desired differential signal is
amplified and unwanted common mode signals are at-
tenuated. Since the DC portion of the signal is not impor-
tant, R6 and C2 make up a 0.3Hz highpass filter. The AC
signal at LT1112’s Pin 5 is amplified by a gain of 101 set
by R7/R8 +1. The parallel combination of C3 and R7 form
a lowpass filter that decreases this gain at frequencies
above 1kHz. The ability to operate at
±3V on 350µA of
supply current makes the LT1168 ideal for battery-pow-
ered applications. Total supply current for this application
is 1.05mA. Proper safeguards, such as isolation, must be
added to this circuit to protect the patient from possible
harm.
Low IB Favors High Impedance Bridges, Lowers
Dissipation
The LT1168’s low supply current, low supply voltage
operation and low input bias currents allow it to fit nicely
into battery-powered applications. Low overall power
dissipation necessitates using higher impedance bridges.
The single supply pressure monitor application on the
front of this data sheet, shows the LT1168 connected to
the differential output of a 3.5k bridge. The picoampere
input bias currents keep the error caused by offset current
to a negligible level. The LT1112 level shifts the LT1168’s
reference pin and the ADC’s analog ground pins above
ground. The LT1168’s and LT1112’s combined power
dissipation is still less than the bridge’s. This circuit’s total
supply current is just 2.2mA.
Figure 8. Nerve Impulse Amplifier
APPLICATIO S I FOR ATIO
2
2
–IN
PATIENT
GND
OUTPUT
1V/mV
+IN
1
1
8
R6
1M
R7
10k
R8
100
Ω
1168 F08
AV = 101
POLE AT 1kHz
5
5
4
–3V
–3V
3V
3V
7
6
8
4
7
6
1/2
LT1112
1/2
LT1112
R4
30k
R3
30k
R1
12k
C1
0.01
µF
RG
6k
3
3
R2
1M
C2
0.47
µF
0.3Hz
HIGHPASS
C3
15nF
PATIENT/CIRCUIT
PROTECTION/ISOLATION
–
+
LT1168
G = 10
+
–
Figure 9. Precision Temperature Without Precision Resistors
1168 F09
15V
–15V
–15V
6
49.4k
Ω
RT
VOUT = 1.25 •
7
3
8
1
2
4
22k
LT1634-1.25
PRECISION
THERMISTOR
5
RT
LT1168
REF
Figure 10. Response of Figure 9 for Various Thermistors
TEMPERATURE (
°C)
–40
8
10
12
80
100
1168 F10
6
4
0
–20
20
40
60
120
2
0
14
YSI #44006
YSI #44011
THERMOMETRICS
DC95F103W
THERMO
METRICS
DC95G104Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com