Electronic Components Datasheet Search
  English  ▼

X  

LT1168CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1168CS8 Datasheet HTML 12Page - Linear Technology LT1168CS8 Datasheet HTML 13Page - Linear Technology LT1168CS8 Datasheet HTML 14Page - Linear Technology LT1168CS8 Datasheet HTML 15Page - Linear Technology LT1168CS8 Datasheet HTML 16Page - Linear Technology LT1168CS8 Datasheet HTML 17Page - Linear Technology LT1168CS8 Datasheet HTML 18Page - Linear Technology LT1168CS8 Datasheet HTML 19Page - Linear Technology LT1168CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1168
1168fa
LT/LWI 0906 REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
PART NUMBER
DESCRIPTION
COMMENTS
LTC1043
Dual Precision Instrumentation Building Block
Switched Capacitor, Rail-to-Rail Input, 120dB CMRR
LTC1100
Precision Chopper-Stabilized Instrumentation Amplifier
G = 10 or 100, VOS = 10µV, IB = 50pA
LT1101
Precision, Micropower, Single Supply Instrumentation Amplifier
G = 10 or 100, IS = 105µA
LT1102
High Speed, JFET Instrumentation Amplifier
G = 10 or 100, Slew Rate = 30V/
µs
LT1167
Single Resistor Programmable Precision Instrumentation Amplifier
Lower Noise than LT1168, eN = 7.5nV/√Hz
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900● FAX:(408)434-0507 ● www.linear-tech.com
Low Power Programmable Audio HPF/LPF with “Pop-Less” Switching
TYPICAL APPLICATIO
–
+
LTC
®201
314
215
116
12
13
89
P1
R3
8k
P2
4
+15V
NC
–15V
4
8
1
–15V
TOTAL SUPPLY CURRENT < 400
µA
+15V
VIN
3
2
5
611
C1
100
µF
2
3
710
4
5
7
–15V
1168 TA05
+15V
6
5
6
7
HPF
LPF
–
+
1
8
GAIN SET
R2
4k
R1
4k
LT1168
P1
—
0
1
0 < 0.8V
P2
0
1
1
1 > 2.4V
POLE
100
200 400
Hz
+
–
1/2 LT1462
1/2 LT1462
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com