Electronic Components Datasheet Search
  English  ▼

X  

Z8F2480 Datasheet(PDF) 88 Page - Zilog, Inc.

Part # Z8F2480
Description  Z8 Encore! XP® F1680 Series
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F2480 Datasheet(HTML) 88 Page - Zilog, Inc.

Back Button Z8F2480 Datasheet HTML 84Page - Zilog, Inc. Z8F2480 Datasheet HTML 85Page - Zilog, Inc. Z8F2480 Datasheet HTML 86Page - Zilog, Inc. Z8F2480 Datasheet HTML 87Page - Zilog, Inc. Z8F2480 Datasheet HTML 88Page - Zilog, Inc. Z8F2480 Datasheet HTML 89Page - Zilog, Inc. Z8F2480 Datasheet HTML 90Page - Zilog, Inc. Z8F2480 Datasheet HTML 91Page - Zilog, Inc. Z8F2480 Datasheet HTML 92Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 412 page
background image
PS025017-1222
P R E L I M I N A R Y
General-Purpose Input/Output
Z8 Encore! XP® F1680 Series
Product Specification
63
7.11.7. Port A–E Stop Mode Recovery Source Enable
Subregisters
The Port A–E Stop Mode Recovery Source Enable Subregister, shown in Table 27, is
accessed through the Port A–E Control Register by writing 05h to the Port A–E Address
Register. Setting the bits in the Port A–E Stop Mode Recovery Source Enable subregisters
to 1 configures the specified port pins as Stop Mode Recovery sources. During STOP
Mode, any logic transition on a port pin enabled as a Stop Mode Recovery source initiates
Stop Mode Recovery.
7.11.8. Port A–E Pull-up Enable Subregisters
The Port A–E Pull-up Enable Subregister, shown in Table 28, is accessed through the Port
A–E Control Register by writing 06h to the Port A–E Address Register. Setting the bits in
the Port A–E Pull-up Enable subregisters enables a weak internal resistive pull-up on the
specified port pins.
Table 27. Port A–E Stop Mode Recovery Source Enable Subregisters (PxSMRE)
Bits
7
6
5
4
3
2
1
0
Field
PSMRE7
PSMRE6
PSMRE5
PSMRE4
PSMRE3
PSMRE2
PSMRE1
PSMRE0
Reset
00000000
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Address
If 05h in Port A–E Address Register, accessible through the Port A–E Control Register.
Bit
Description
[7:0]
PSMRE
Port Stop Mode Recovery Source Enabled
0 = The Port pin is not configured as a Stop Mode Recovery source. Transitions on this pin
during STOP Mode do not initiate Stop Mode Recovery.
1 = The Port pin is configured as a Stop Mode Recovery source. Any logic transition on this pin
during STOP Mode initiates Stop Mode Recovery.
Table 28. Port A–E Pull-Up Enable Subregisters (PxPUE)
Bits
7
6
5
4
3
2
1
0
Field
PPUE7
PPUE6
PPUE5
PPUE4
PPUE3
PPUE2
PPUE1
PPUE0
Reset
00000000
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Address
If 06h in Port A
–E Address Register, accessible through the Port A–E Control Register.
Bit
Description
[7:0]
PPUE
Port Pull-up Enabled
0 = The weak pull-up on the Port pin is disabled.
1 = The weak pull-up on the Port pin is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com