Electronic Components Datasheet Search
  English  ▼

X  

LT1249CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1249CS8
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1249CS8 Datasheet HTML 3Page - Linear Technology LT1249CS8 Datasheet HTML 4Page - Linear Technology LT1249CS8 Datasheet HTML 5Page - Linear Technology LT1249CS8 Datasheet HTML 6Page - Linear Technology LT1249CS8 Datasheet HTML 7Page - Linear Technology LT1249CS8 Datasheet HTML 8Page - Linear Technology LT1249CS8 Datasheet HTML 9Page - Linear Technology LT1249CS8 Datasheet HTML 10Page - Linear Technology LT1249CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1249
7
APPLICATIONS INFORMATION
Line Current Limiting
Maximum voltage across RMOUT is internally limited to
1.1V. Therefore, line current limit is 1.1V divided by the
sense resistor RS. With a 0.2Ω sense resistor RS line
current limit is 5.5A. As a general rule, RS is chosen
according
R
IR
V
KP
S
M MAX
MOUT
LINE MIN
OUT MAX
=
()(
)(
)
(.
)
()
(
)
()
1 414
where POUT(MAX) is the maximum power output and K is
usually between 1.1 and 1.3 depending on efficiency and
resistor tolerance. When the output is overloaded and line
current reaches limit, output voltage VOUT will drop to keep
line current constant. System stability is still maintained
by the current loop which is controlled by the current
amplifier. Further load current increase results in further
VOUT drop and clipping of the line current, which degrades
power factor.
Synchronization
The LT1249 can be externally synchronized in a frequency
range of 127kHz to 160kHz. Figure 2 shows the synchro-
nizing circuit. Synchronizing occurs when CAOUT pin is
pulled below 0.5V with an external transistor and a Schottky
diode. The Schottky diode and the 10k pull-up resistor are
necessary for the required fast slewing back up to the
normal operating voltage on CAOUT after the transistor is
turned off. Positive slewing on CAOUT should be faster
than the oscillator ramp rate of 0.5V/
µs.
The width of the synchronizing pulse should be under
60ns. The synchronizing pulses introduce an offset volt-
age on the current amplifier inputs, according to:
∆V
ts fs I
V
R
g
OS
C
C
m
=
+
−


()()
.
05
2
ts = pulse width
fs = pulse frequency
IC = CAOUT source current (≈ 150µA)
VC = CAOUT operating voltage (1.8V to 6.8V)
R2 = resistorfor the midfrequency “zero” in the current loop
gm = current amplifier transconductance (≈ 320µmho)
With ts = 30ns, fs = 130kHz, VC = 3V and R2 = 10k, offset
voltage shift is
≈5mV. Note that this offset voltage will add
slight distortion to line current at light load.
Figure 2. Synchronizing the LT1249
R1
10k
R2
10k
2k
5V
0V
VCC
80pF
1N5712
CAOUT
1nF
2N2369
1249 F02
Overvoltage Protection
In Figure 3, R1 and R2 set the regulator output DC level:
VOUT = VREF[(R1 + R2)/R2]. With R1 = 1M and R2 = 20k,
VOUT is 382V.
Because of the slow loop response necessary for power
factor correction, output overshoot can occur with sudden
load removal or reduction. To protect the power compo-
nents and output load, the LT1249 voltage error amplifier
senses the output voltage and quickly shuts off the current
switch when overvoltage occurs. When overshoot occurs
on VOUT, the overcurrent from R1 will go through VAOUT
because amplifier feedback keeps VSENSE locked at 7.5V.
When this overcurrent reaches 44
µA amplifier sinking
limit, the amplifier loses feedback and its output snaps low
to turn the multiplier off.
Overvoltage trip level:
∆VOUT = (44µA)(R1)
–
+
VOUT
VAOUT
C1
0.47
µF
R3
330k
0.047
µF
LT1249
MULTIPLIER
44
µA
22
µA
VSENSE
R1
1M
R2
20k
VREF
7.5V
EA
1249 F03
Figure 3. Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com