Electronic Components Datasheet Search
  English  ▼

X  

LT1249CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1249CS8
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1249CS8 Datasheet HTML 4Page - Linear Technology LT1249CS8 Datasheet HTML 5Page - Linear Technology LT1249CS8 Datasheet HTML 6Page - Linear Technology LT1249CS8 Datasheet HTML 7Page - Linear Technology LT1249CS8 Datasheet HTML 8Page - Linear Technology LT1249CS8 Datasheet HTML 9Page - Linear Technology LT1249CS8 Datasheet HTML 10Page - Linear Technology LT1249CS8 Datasheet HTML 11Page - Linear Technology LT1249CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1249
9
VP-P = (2)(0.78A)(7.4Ω) = 11.5V. If less ripple is desired,
higher capacitance should be used.
The selection of the output capacitor should also be based
on the operating ripple current through the capacitor.
The ripple current can be divided into three major compo-
nents. The first is at 120Hz whose RMS value is related to
the DC load current as follows:
I1RMS ≈ (0.71)(ILOADDC)
The second component contains the PF switching fre-
quency ripple current and its harmonics. Analysis of this
ripple is complicated because it is modulated with a 120Hz
signal. However, computer numerical integration and Fou-
rier analysis approximate the RMS value reasonably close
to the bench measurements. The RMS value is about
0.82A at a typical condition of 120VAC, 200W load. This
ripple is line voltage dependent, and the worst case is at
low line.
I2RMS = 0.82A at 120VAC, 200W
The third component is the switching ripple from the load,
if the load is a switching regulator.
I3RMS ≈ ILOADDC
For United Chemicon KMH 400V capacitor series, ripple
current multiplier for currents at 100kHz is 1.43. The
equivalent 120Hz ripple current can then be found:
II
II
RMS
RMS
RMS
RMS
=
() +


+


1
2
2
2
3
2
143
1 43
..
For a typical system that runs at an average load of 200W
and 385V output:
ILOADDC = 0.52A
I1RMS ≈ (0.71)(0.52A) = 0.37A
I2RMS ≈ 0.82A at 120VAC
I3RMS ≈ ILOADDC = 0.52A
IA
AA
A
RMS =
() +


+


=
037
082
143
052
143
077
2
22
.
.
.
.
.
.
APPLICATIONS INFORMATION
The 120Hz ripple current rating at 105
°C ambient is 0.95A
for the 180
µFKMH400Vcapacitor.Theexpectedlifeofthe
output capacitor may be calculated from the thermal
stress analysis:
LLO
CTK
TAMB
TO
=
°+
+
()( )
()–(
)
2
105
10
∆∆
where
L = expected life time
LO = hours of load life at rated ripple current and rated
ambient temperature
∆TK = capacitor internal temperature rise at rated condi-
tion.
∆TK = (I2R)/(KA), where I is the rated current, R is
capacitor ESR, and KA is a volume constant.
TAMB = operating ambient temperature
∆TO = capacitor internal temperature rise at operating
condition
In our example, LO = 2000 hours and ∆TK = 10°C at rated
0.95A.
∆TO can then be calculated from:
∆∆
T
I
A
T
A
A
CC
O
RMS
K
= 


= 


°=
°
095
077
095
10
6 6
22
.
()
.
.
()
.
Assuming the operating ambient temperature is 60
°C, the
approximate life time is:
LO
CC
C
C
≈
≈
°+ °
° + °
()( )
()–(
.
)
2000 2
105
10
60
6 6
10
57,000 Hrs.
For longer life, capacitor with higher ripple current rating
or parallel capacitors should be used.
Protection Against Abnormal Current Surge
Conditions
The LT1249 has an upper limit on the allowed voltage
across the current sense resistor. The voltage into the
MOUT pin connected to this resistor must not exceed – 6V
while the chip is running and –12V under any conditions.
The LT1249 gate drive will malfunction if the MOUT pin
voltage exceeds – 6V while VCC is powered, destroying the
power FET. The 12V absolute limit is imposed by ESD
clamps on the MOUT pin. Large currents will flow at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com