Electronic Components Datasheet Search
  English  ▼

X  

LT1249CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1249CS8
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1249CS8 Datasheet HTML 4Page - Linear Technology LT1249CS8 Datasheet HTML 5Page - Linear Technology LT1249CS8 Datasheet HTML 6Page - Linear Technology LT1249CS8 Datasheet HTML 7Page - Linear Technology LT1249CS8 Datasheet HTML 8Page - Linear Technology LT1249CS8 Datasheet HTML 9Page - Linear Technology LT1249CS8 Datasheet HTML 10Page - Linear Technology LT1249CS8 Datasheet HTML 11Page - Linear Technology LT1249CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1249
©LINEAR TECHNOLOGY CORPORATION 1994
sn1249 1249fbs LT/TP 0799 2K REV B • PRINTED IN USA
TYPICAL APPLICATION
–
+
–
+
VAOUT
7.5V
EA
1V
–
+
M1
–
+
IM =
IA
2 IB
200
µA2
32k
IA
IB
IM
16V/10V
gm = 1/3k
0.7V
–
+
OSC
SYNC
R
S
Q
6
5
3
4
2
1
8
MULTIPLIER
IAC
VSENSE
MOUT
7
CAOUT
VCC
CA
RUN
RUN
GTDR
16V
35pF
20
µA
MAX
250
µA
1N5819
4.7nF
1M
0.047
µF
0.47
µF
330k
10k
44
µA
22
µA
15
µA
100pF
1nF
20k
4k
VOUT
180
µF
90V
TO
270V
EMI
FILTER
+
–
RMOUT
4k
RS
0.2
Ω
750
µH*
1M
MURH860
VCC
GND
†
1249 TA01
IRF840
6A
10
Ω
7.5V
VREF
**
1. COILTRONICS CTX02-12236 (TYPE 52 CORE)
AIR MOVEMENT NEEDED AT POWER LEVEL GREATER THAN 250W.
2. COILTRONICS CTX02-12295 (MAGNETICS Kool M
µ® 77930 CORE)
THIS SCHOTTKY DIODE IS TO CLAMP GTDR WHEN MOS SWITCH TURNS OFF.
PARASITIC INDUCTANCE AND GATE CAPACITANCE MAY TURN ON CHIP SUBSTRATE
DIODE AND CAUSE ERRATIC OPERATIONS IF GTDR IS NOT CLAMPED.
*
**
† SEE APPLICATIONS INFORMATION SECTION FOR CIRCUITRY TO SUPPLY POWER TO VCC.
+
Kool M
µ is a registered trademark of Magnetics, Inc.
PART NUMBER
DESCRIPTION
COMMENTS
LT1103
Off-Line Switching Regulator
Universal Off-Line Inputs with Outputs to 100W
LT1248
Full Feature Average Current Mode Power Factor Controller
Provides All Features in 16-Lead Package
LT1508
Power Factor and PWM Controller
Simplified PFC Design
LT1509
Power Factor and PWM Controller
Complete Solution for Universal Off-Line Switching Power Supplies
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com