| Electronic Components Datasheet Search |
|
LTC2415 Datasheet(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2415 Datasheet(HTML) 18 Page - Linear Technology |
|
18 / 40 page ![]() LTC2415/LTC2415-1 18 sn2415 24151fs Serial Clock Input/Output (SCK) The serial clock signal present on SCK (Pin 13) is used to synchronize the data transfer. Each bit of data is shifted out the SDO pin on the falling edge of the serial clock. In the Internal SCK mode of operation, the SCK pin is an output and the LTC2415/LTC2415-1 create their own se- rial clock by dividing the internal conversion clock by 8. In the External SCK mode of operation, the SCK pin is used as input. The internal or external SCK mode is selected on power-up and then reselected every time a HIGH-to-LOW transition is detected at the CS pin. If SCK is HIGH or float- ing at power-up or during this transition, the converter enters the internal SCK mode. If SCK is LOW at power-up or during this transition, the converter enters the external SCK mode. Serial Data Output (SDO) The serial data output pin, SDO (Pin 12), provides the result of the last conversion as a serial bit stream (MSB first) during the data output state. In addition, the SDO pin is used as an end of conversion indicator during the conversion and sleep states. When CS (Pin 11) is HIGH, the SDO driver is switched to a high impedance state. This allows sharing the serial interface with other devices. If CS is LOW during the convert or sleep state, SDO will output EOC. If CS is LOW during the conversion phase, the EOC bit appears HIGH on the SDO pin. Once the conversion is complete, EOC goes LOW. The device remains in the sleep state until the first rising edge of SCK occurs while CS = LOW. Chip Select Input (CS) The active LOW chip select, CS (Pin 11), is used to test the conversion status and to enable the data output transfer as described in the previous sections. In addition, the CS signal can be used to trigger a new conversion cycle before the entire serial data transfer has been completed. The LTC2415/LTC2415-1 will abort any serial data transfer in progress and start a new conversion cycle anytime a LOW-to-HIGH transition is detected at the CS pin after the converter has entered the data output state (i.e., after the first rising edge of SCK occurs with CS = LOW). Finally, CS can be used to control the free-running modes of operation, see Serial Interface Timing Modes section. Grounding CS will force the ADC to continuously convert at the maximum output rate selected by FO. Tying a capacitor to CS will reduce the output rate and power dissipation by a factor proportional to the capacitor’s value, see Figures 15 to 17. SERIAL INTERFACE TIMING MODES The LTC2415/LTC2415-1 3-wire interface is SPI and MICROWIRE compatible. This interface offers several flexible modes of operation. These include internal/exter- nal serial clock, 2- or 3-wire I/O, single cycle conversion and autostart. The following sections describe each of these serial interface timing modes in detail. In all these cases, the converter can use the internal oscillator (FO = LOW or FO = HIGH) or an external oscillator connected to the FO pin. Refer to Table 4 for a summary. External Serial Clock, Single Cycle Operation (SPI/MICROWIRE Compatible) This timing mode uses an external serial clock to shift out the conversion result and a CS signal to monitor and control the state of the conversion cycle, see Figure 8. Table 4. LTC2415/LTC2415-1 Interface Timing Modes Conversion Data Connection SCK Cycle Output and Configuration Source Control Control Waveforms External SCK, Single Cycle Conversion External CS and SCK CS and SCK Figures 8, 9 External SCK, 2-Wire I/O External SCK SCK Figure 10 Internal SCK, Single Cycle Conversion Internal CS ↓ CS ↓ Figures 11, 12 Internal SCK, 2-Wire I/O, Continuous Conversion Internal Continuous Internal Figure 13 Internal SCK, Autostart Conversion Internal CEXT Internal Figure 14 APPLICATIO S I FOR ATIO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |