Electronic Components Datasheet Search
  English  ▼

X  

LTC2415 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2415
Description  24-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2415 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2415 Datasheet HTML 28Page - Linear Technology LTC2415 Datasheet HTML 29Page - Linear Technology LTC2415 Datasheet HTML 30Page - Linear Technology LTC2415 Datasheet HTML 31Page - Linear Technology LTC2415 Datasheet HTML 32Page - Linear Technology LTC2415 Datasheet HTML 33Page - Linear Technology LTC2415 Datasheet HTML 34Page - Linear Technology LTC2415 Datasheet HTML 35Page - Linear Technology LTC2415 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2415/LTC2415-1
32
sn2415 24151fs
APPLICATIO S I FOR ATIO
FREQUENCY AT VIN (Hz)
1
–120
–100
–80
–60
–40
–20
0
50
100
150
200
2415 F30
250
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
INPUT FREQUENCY
0
–60
–40
0
2415 F31
–80
–100
fS/2
fS
–120
–140
–20
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
2415 F32
–60
–70
–80
–90
–100
–110
–120
–130
–140
48
50
52
54
56
58
60
62
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
2415 F33
–80
–90
–100
–100
–120
–130
–140
INPUT FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
220
2415 F34
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
Figure 34. Input Normal Mode Rejection vs Input
Frequency with Input Perturbation of 100% of Full Scale
Figure 30. Rejection vs Frequency at VIN
Figure 31. Rejection vs Frequency at VIN
Figure 32. Rejection vs Frequency at VIN
Figure 33. Normal Mode Rejection
when Using an Internal Oscillator
Normal Mode Rejection, Output Rate and Running
Averages
The LTC2415/LTC2415-1 both contain an identical Sinc4
digital filter (see Figures 30 and 31) which offers excellent
line frequency noise rejection. For the LTC2415, a notch
frequency of either 50Hz or 60Hz (see Figure 32) is user
selectable by tying pin FO high or Low, respectively. On the
other hand, the LTC2415-1 offers simultaneous rejection
of 50Hz and 60Hz by tying FO low. This sets the notch
frequency to approximately 55Hz (see Figure 32).
At a notch frequency of 55Hz, the LTC2415-1 rejects 50Hz
±2% and 60Hz ±2% better than 72dB. In order to achieve
better than 87dB rejection of both 50Hz and 60Hz
±2%, a
running average can be performed. By averaging two
consecutive ADC readings, a Sinc1 notch is combined with
the Sinc4 digital filter yielding the frequency response
shown in Figures 33 and 34. In order to preserve the 2
×
output rate, adjacent results are averaged with the follow-
ing algorithm:
Result 1 = average (sample 0, sample 1)
Result 2 = average (sample 1, sample 2)
Result 3 = average (sample 2, sample 3)
…
Result N = average (sample n-1, sample n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com