Electronic Components Datasheet Search
  English  ▼

X  

LTC2415 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2415
Description  24-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2415 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2415 Datasheet HTML 29Page - Linear Technology LTC2415 Datasheet HTML 30Page - Linear Technology LTC2415 Datasheet HTML 31Page - Linear Technology LTC2415 Datasheet HTML 32Page - Linear Technology LTC2415 Datasheet HTML 33Page - Linear Technology LTC2415 Datasheet HTML 34Page - Linear Technology LTC2415 Datasheet HTML 35Page - Linear Technology LTC2415 Datasheet HTML 36Page - Linear Technology LTC2415 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC2415/LTC2415-1
33
sn2415 24151fs
APPLICATIO S I FOR ATIO
Figure 36. Connecting the LTC2415/LTC2415-1 to a 68HC11 MCU Using the SPI Serial Interface
2415 F35
REF+
REF–
IN+
IN–
1, 7, 8, 9,
10, 15, 16
2
A0
A1
LTC2415/
LTC2415-1
VCC
GND
13
3
6
12
47
µF
14
1
5
10
16
5V
15
11
2
TO OTHER
DEVICES
4
9
8
5V
+
74HC4052
3
4
5
6
Figure 35. Use a Differential Multiplexer to Expand Channel Capability
LTC2415/
LTC2415-1
SCK
SDO
CS
13
12
11
SCK (PD4)
MISO (PD2)
SS (PD5)
68HC11
2415 F36
Sample Driver for LTC2415/LTC2415-1 SPI Interface
Figure 35 shows the use of an LTC2415/LTC2415-1 with
a differential multiplexer. This is an inexpensive multi-
plexer that will contribute some error due to leakage if
used directly with the output from the bridge, or if
resistors are inserted as a protection mechanism from
overvoltage. Although the bridge output may be within the
input range of the A/D and multiplexer in normal opera-
tion, some thought should be given to fault conditions
that could result in full excitation voltage at the inputs to
the multiplexer or ADC. The use of amplification prior to
the multiplexer will largely eliminate errors associated
with channel leakage developing error voltages in the
source impedance.
The LTC2415/LTC2415-1 have a very simple serial inter-
face that makes interfacing to microprocessors and
microcontrollers very easy.
The listing in Figure 38 is a simple assembler routine for
the 68HC11 microcontroller. It uses PORT D, configuring
it for SPI data transfer between the controller and the
LTC2415/LTC2415-1. Figure 36 shows the simple 3-wire
SPI connection.
The code begins by declaring variables and allocating four
memory locations to store the 32-bit conversion result.
This is followed by initializing PORT D’s SPI configuration.
The program then enters the main sequence. It activates
the LTC2415/LTC2415-1 serial interface by setting the SS
output low, sending a logic low to CS. It next waits in a loop
for a logic low on the data line, signifying end-of-conver-
sion. After the loop is satisfied, four SPI transfers are
completed, retrieving the conversion. The main sequence
ends by setting SS high. This places the LTC2415/
LTC2415-1 serial interface in a high impedance state and
initiates another conversion.
The performance of the LTC2415/LTC2415-1 can be
verified using the demonstration board DC291A, see
Figure 40 for the schematic. This circuit uses the
computer’s serial port to generate power and the SPI
digital signals necessary for starting a conversion and
reading the result. It includes a Labview application
software program (see Figure 39) which graphically cap-
tures the conversion results. It can be used to determine
noise performance, stability and with an external source,
linearity. As exemplified in the schematic, the LTC2415/
LTC2415-1 are extremely easy to use. This demonstra-
tion board and associated software is available by con-
tacting Linear Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com