Electronic Components Datasheet Search
  English  ▼

X  

LTC2415 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2415
Description  24-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2415 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2415 Datasheet HTML 2Page - Linear Technology LTC2415 Datasheet HTML 3Page - Linear Technology LTC2415 Datasheet HTML 4Page - Linear Technology LTC2415 Datasheet HTML 5Page - Linear Technology LTC2415 Datasheet HTML 6Page - Linear Technology LTC2415 Datasheet HTML 7Page - Linear Technology LTC2415 Datasheet HTML 8Page - Linear Technology LTC2415 Datasheet HTML 9Page - Linear Technology LTC2415 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2415/LTC2415-1
6
sn2415 24151fs
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2415 G01
106.5
106.0
105.5
105.0
104.5
104.0
103.5
VCC = 5V
VREF = 5V
VINCM = 2.5V
REF+ = 5V
REF– = GND
FO = GND
TA = 90°C
TA = 25°C
TA = –45°C
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2415 G02
215
213
211
209
207
205
VCC = 5V
VREF = 2.5V
VINCM = 1.25V
REF+ = 2.5V
REF– = GND
FO = GND
TA = 90°C
TA = –45°C
TA = 25°C
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2415 G03
125
121
117
113
109
105
VCC = 2.7V
VREF = 2.5V
VINCM = 1.25V
REF+ = 2.5V
REF– = GND
FO = GND
TA = –45°C
TA = 25°C
TA = 90°C
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2415 G04
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
VREF = 5V
VINCM = 2.5V
REF+ = 5V
REF– = GND
FO = GND
TA = 25°C
TA = –45°C
TA = 90°C
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2415 G05
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
VCC = 5V
VREF = 2.5V
VINCM = 1.25V
REF+ = 2.5V
REF– = GND
FO = GND
TA = –45°C
TA = 25°C
TA = 90°C
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2415 G05
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC = 2.7V
VREF = 2.5V
VINCM = 1.25V
REF+ = 2.5V
REF– = GND
FO = GND
TA = 90°C
TA = –45°C
TA = 25°C
OUTPUT CODE (ppm OF VREF)
–105.5
–104.8
–104
–103.3
–102.5
2415 G07
12
10
8
6
4
2
0
GAUSSIAN
DISTRIBUTION
m = –103.5ppm
σ = 0.27ppm
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN + = 2.5V
IN – = 2.5V
FO = GND
TA = 25°C
OUTPUT CODE (ppm OF VREF)
–105
–104.5
–104
–103.5
–103
2415 G08
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
FO = 460800Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = –104.0ppm
σ = 0.25ppm
OUTPUT CODE (ppm OF VREF)
–202
–199.5
–197
–194.5
–192
2415 G09
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
FO = 1075200Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = –199.0ppm
σ = 0.9ppm
Total Unadjusted Error Over
Temperature (VCC = 5V,
VREF = 5V)
Total Unadjusted Error Over
Temperature (VCC = 5V,
VREF = 2.5V)
Total Unadjusted Error Over
Temperature (VCC = 2.7V,
VREF = 2.5V)
Integral Nonlinearity Over
Temperature (VCC = 5V,
VREF = 5V)
Integral Nonlinearity Over
Temperature (VCC = 5V,
VREF = 2.5V)
Integral Nonlinearity Over
Temperature (VCC = 2.7V,
VREF = 2.5V)
Noise Histogram
(Output Rate = 15Hz,
VCC = 5V, VREF = 5V)
Noise Histogram
(Output Rate = 45Hz,
VCC = 5V, VREF = 5V)
Noise Histogram
(Output Rate = 105Hz,
VCC = 5V, VREF = 5V)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com