Electronic Components Datasheet Search
  English  ▼

X  

LTC2489CDEPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2489CDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489CDEPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2489CDEPBF Datasheet HTML 7Page - Linear Technology LTC2489CDEPBF Datasheet HTML 8Page - Linear Technology LTC2489CDEPBF Datasheet HTML 9Page - Linear Technology LTC2489CDEPBF Datasheet HTML 10Page - Linear Technology LTC2489CDEPBF Datasheet HTML 11Page - Linear Technology LTC2489CDEPBF Datasheet HTML 12Page - Linear Technology LTC2489CDEPBF Datasheet HTML 13Page - Linear Technology LTC2489CDEPBF Datasheet HTML 14Page - Linear Technology LTC2489CDEPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2489
11
2489f
The Start and Stop Conditions
A Start (S) condition is generated by transitioning SDA from
high to low while SCL is high. The bus is considered to be
busy after the Start condition. When the data transfer is
finished, a Stop (P) condition is generated by transitioning
SDA from low to high while SCL is high. The bus is free
after a Stop is generated. Start and Stop conditions are
always generated by the master.
When the bus is in use, it stays busy if a Repeated Start
(Sr) is generated instead of a Stop condition. The repeated
Start timing is functionally identical to the Start and is
used for writing and reading from the device before the
initiation of a new conversion.
Data Transferring
After the Start condition, the I2C bus is busy and data
transfer can begin between the master and the addressed
slave. Data is transferred over the bus in groups of nine
bits, one byte followed by one acknowledge (ACK) bit. The
master releases the SDA line during the ninth SCL clock
cycle. The slave device can issue an ACK by pulling SDA
low or issue a Not Acknowledge (NAK) by leaving the SDA
line high impedance (the external pull-up resistor will hold
the line high). Change of data only occurs while the clock
line (SCL) is low.
DATA FORMAT
After a Start condition, the master sends a 7-bit address
followed by a read/write (R/W) bit. The R/W bit is 1 for
a read request and 0 for a write request. If the 7-bit ad-
dress matches the hard wired, LTC2489’s address (one of
9 pin-selectable addresses) the device is selected. When
the device is addressed during the conversion state, it will
not acknowledge R/W requests and will issue a NAK by
leaving the SDA line high. If the conversion is complete,
the LTC2489 issues an ACK by pulling the SDA line low.
The LTC2489 has two registers. The output register (24
bits long) contains the last conversion result. The input
register (8 bits long) sets the input channel.
DATA OUTPUT FORMAT
The output register contains the last conversion result.
After each conversion is completed, the device automati-
cally enters the sleep state where the supply current is
reduced to 1μA. When the LTC2489 is addressed for a read
operation, it acknowledges (by pulling SDA low) and acts
as a transmitter. The master/receiver can read up to three
bytes from the LTC2489. After a complete read operation
(3 bytes), a new conversion is initiated. The device will
NAK subsequent read operations while a conversion is
being performed.
The data output stream is 24 bits long and is shifted out
on the falling edges of SCL (see Figure 3a). The first bit
is the conversion result sign bit (SIG) (see Tables 1 and
2). This bit is high if VIN ≥ 0 and low if VIN < 0 (where VIN
corresponds to the selected input signal IN+ – IN–). The
second bit is the most significant bit (MSB) of the result.
The first two bits (SIG and MSB) can be used to indicate
over and under range conditions (see Table 2). If both bits
are HIGH, the differential input voltage is equal to or above
+FS. If both bits are set low, the input voltage is below
–FS. The function of these bits is summarized in Table
2. The 16 bits following the MSB bit are the conversion
SDA
SCL
SSr
P
S
tHD(SDA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tf
tr
tf
tHIGH
2489 F02
Figure 2. Definition of Timing for Fast/Standard Mode Devices on the I2C Bus
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com