Electronic Components Datasheet Search
  English  ▼

X  

LTC2489CDEPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2489CDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489CDEPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2489CDEPBF Datasheet HTML 12Page - Linear Technology LTC2489CDEPBF Datasheet HTML 13Page - Linear Technology LTC2489CDEPBF Datasheet HTML 14Page - Linear Technology LTC2489CDEPBF Datasheet HTML 15Page - Linear Technology LTC2489CDEPBF Datasheet HTML 16Page - Linear Technology LTC2489CDEPBF Datasheet HTML 17Page - Linear Technology LTC2489CDEPBF Datasheet HTML 18Page - Linear Technology LTC2489CDEPBF Datasheet HTML 19Page - Linear Technology LTC2489CDEPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2489
16
2489f
without changing the channel, a Stop may be issued after
acknowledgement of the global write command. Global
read commands are not allowed and the converters will
NAK a global read request.
Driving the Input and Reference
The input and reference pins of the LTC2489 are connected
directly to a switched capacitor network. Depending on
the relationship between the differential input voltage and
the differential reference voltage, these capacitors are
switched between these four pins. Each time a capacitor
is switched between two of these pins, a small amount
of charge is transferred. A simplified equivalent circuit is
shown in Figure 9.
When using the LTC2489’s internal oscillator, the input
capacitor array is switched at 123kHz. The effect of the
charge transfer depends on the circuitry driving the in-
put/reference pins. If the total external RC time constant
is less than 580ns the errors introduced by the sampling
process are negligible since complete settling occurs.
Typically, the reference inputs are driven from a low
impedance source. In this case, complete settling occurs
even with large external bypass capacitors. The inputs
(CH0-CH3, COM), on the other hand, are typically driven
from larger source resistances. Source resistances up
to 10k may interface directly to the LTC2489 and settle
completely; however, the addition of external capacitors
at the input terminals in order to filter unwanted noise
(antialiasing) results in incomplete settling.
Automatic Differential Input Current Cancellation
In applications where the sensor output impedance is
low (up to 10kΩ with no external bypass capacitor or up
to 500Ω with 0.001μF bypass), complete settling of the
input occurs. In this case, no errors are introduced and
direct digitization is possible.
For many applications, the sensor output impedance
combined with external input bypass capacitors produces
RC time constants much greater than the 580ns required
for 1ppm accuracy. For example, a 10kΩ bridge driving a
0.1μF capacitor has a time constant an order of magnitude
greater than the required maximum.
The LTC2489 uses a proprietary switching algorithm
that forces the average differential input current to zero
independent of external settling errors. This allows direct
digitization of high impedance sensors without the need
for buffers.
The switching algorithm forces the average input current
on the positive input (IIN+) to be equal to the average input
current on the negative input (IIN–). Over the complete
conversion cycle, the average differential input current
(IIN+ – IIN–) is zero. While the differential input current is
APPLICATIONS INFORMATION
IN+
IN–
10k
Ω
INTERNAL
SWITCH
NETWORK
10k
Ω
CEQ
12
μF
10k
Ω
IIN
–
REF+
IREF
+
IIN
+
IREF
–
2489 F09
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
REF–
10k
Ω
100
Ω
INPUT
MULTIPLEXER
100
Ω
Figure 9. Equivalent Analog Input Circuit
IIN
I IN
VV
R
AVG
AVG
IN CM
REF CM
EQ
+
() = () =
−
•
–
()
()
.
05
IIREF
VV
V
R
AVG
REF
REF CM
IN CM
+
() ≈
+
()
15
05
.–
.•
()
()
E
EQ
IN
REF
EQ
REF
REF CM
V
VR
where
V
REF
REF
V
–
•
:
(
2
=−
+−
))
–
,
=
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=−
+−
+−
+
REF
REF
V
IN
IN
WHERE IN AN
IN
2
D
D IN ARE THE SELECTED INPUT CHANNELS
V
IN
IN CM
−
+
=
()
–
–IN−
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=Ω
2
R
2.98M INTERNAL OSCILLATOR
R
EQ
E
EQ
12
EOSC
0.833 10
/f
EXTERNAL OSCILLATOR
=•
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com