Electronic Components Datasheet Search
  English  ▼

X  

LTC2489CDEPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2489CDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489CDEPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2489CDEPBF Datasheet HTML 10Page - Linear Technology LTC2489CDEPBF Datasheet HTML 11Page - Linear Technology LTC2489CDEPBF Datasheet HTML 12Page - Linear Technology LTC2489CDEPBF Datasheet HTML 13Page - Linear Technology LTC2489CDEPBF Datasheet HTML 14Page - Linear Technology LTC2489CDEPBF Datasheet HTML 15Page - Linear Technology LTC2489CDEPBF Datasheet HTML 16Page - Linear Technology LTC2489CDEPBF Datasheet HTML 17Page - Linear Technology LTC2489CDEPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2489
14
2489f
Operation Sequence
The LTC2489 acts as a transmitter or receiver, as shown
in Figure 4. The device may be programmed to select
an input channel, differential or single-ended mode, and
channel polarity.
Table 4. Address Assignment
CA1
CA0
ADDRESS
LOW
LOW
0010100
LOW
HIGH
0010110
LOW
FLOAT
0010101
HIGH
LOW
0100110
HIGH
HIGH
0110100
HIGH
FLOAT
0100111
FLOAT
LOW
0010111
FLOAT
HIGH
0100101
FLOAT
FLOAT
0100100
Continuous Read
In applications where the input channel does not need to
change for each cycle, the conversion can be continuously
performed and read without a write cycle (see Figure 5).
The input channel remains unchanged from the last
value written into the device. If the device has not been
written to since power up, the channel selection is set to
the default value of CH0 = IN+, CH1 = IN–. At the end of
a read operation, a new conversion automatically begins.
At the conclusion of the conversion cycle, the next result
may be read using the method described above. If the
conversion cycle is not concluded and a valid address
selects the device, the LTC2489 generates a NAK signal
indicating the conversion cycle is in progress.
Continuous Read/Write
Once the conversion cycle is concluded, the LTC2489 can
be written to and then read from using the Repeated Start
(Sr) command.
APPLICATIONS INFORMATION
S
ACK
DATA
Sr
DATA TRANSFERRING
P
7-BIT ADDRESS
R/W
2489 F04
CONVERSION
CONVERSION
SLEEP
DATA INPUT/OUTPUT
7-BIT ADDRESS
7-BIT ADDRESS
SS
RR
ACK
ACK
READ
READ
PP
2489 F05
CONVERSION
CONVERSION
CONVERSION
SLEEP
DATA OUTPUT
DATA INPUT
SLEEP
Figure 4. Conversion Sequence
Figure 5. Consecutive Reading with the Same Input/Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com