Electronic Components Datasheet Search
  English  ▼

X  

SMP253 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 1 Page - Kemet Corporation

  SMP253 Datasheet HTML 1Page - Kemet Corporation SMP253 Datasheet HTML 2Page - Kemet Corporation SMP253 Datasheet HTML 3Page - Kemet Corporation SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation SMP253 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
© KEMET Electronics Corporation • One East Broward Boulevard
F3142_SMP253_Y2_300 • 4/24/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• High dV/dt capability
• Impregnated paper that ensures excellent stability and
reliability properties, particularly in applications with
continuous operation
• Approvals: ENEC, cULus
• Rated voltage: 300 VAC 50/60 Hz, maximum recommended
DC voltage 1,500 VDC
• Capacitance range: 1.0 – 4.7 nF
• Size code: 5045 (12.7 mm), 5026 (12.7 mm) Vertical
• Capacitance tolerance: ±20%
• Automotive (AEC-Q200) grade
Overview
Multilayer, metallized paper, encapsulated and impregnated
in self-extinguishing material that meets the requirements of
UL 94 V–0.
Applications
For worldwide use as an electromagnetic interference
suppressor in all Y2 applications, line-to-earth.
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors
SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
Customer Part Number System
SMP253
E
A
4100
M
B31
TR24
Series
Rated Voltage
(VAC)
Chip Length
(mm)
Capacitance Code
(pF)
Capacitance
Tolerance
Box
Packaging
Y2, Metallized
Paper
E = 300
A = 12.7
The last three digits
represent significant
figures. The first
digit specifies the
total number of
digits.
M = ±20%
Box
B31 = 5045 and 5026 chip sizes
C31 = 6560 and 6528 chip sizes
D32 = 7067 and 7040 chip sizes
TR24 =
Tape&Reel
(Horizontal)
TV24 =
Tape&Reel
(Vertical)
KEMET Internal Part Number System
P
101
YR
102
M
300
V
Capacitor Class
Series
Chip Length
(mm)
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VAC)
Packaging
P = Paper
Y2,
Metallized
Paper
YR = 12.7
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
M = ±20%
300 = 300
V = Tape&Reel
(Horizontal)
Y= Tape&Reel
(Vertical)


Similar Part No. - SMP253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
logo
List of Unclassifed Man...
SMP253A4390M ETC-SMP253A4390M Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
SMP253MA4100M ETC-SMP253MA4100M Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253MA4100MBULK KEMET-SMP253MA4100MBULK Datasheet
81Kb / 1P
SMP253/P101, Film, Metallized Paper, Safety, 1000 pF, 20%, 250 VAC, 250 VDC, 100째C, 5045, 6.5mm
More results

Similar Description - SMP253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
EMI suppressor, class Y2, metallized paper
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com