Electronic Components Datasheet Search
  English  ▼

X  

SMP253 Datasheet(PDF) 5 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 5 Page - Kemet Corporation

  SMP253 Datasheet HTML 1Page - Kemet Corporation SMP253 Datasheet HTML 2Page - Kemet Corporation SMP253 Datasheet HTML 3Page - Kemet Corporation SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation SMP253 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
© KEMET Electronics Corporation • One East Broward Boulevard
F3142_SMP253_Y2_300 • 4/24/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors – SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
Environmental Test Data
Test
Publication
Procedure
Impulse Voltage and Endurance
IEC 60384–14
1.7 x V
R VAC 50 Hz, once every hour increse to 1,000 VAC for 0.1
second, 1,000 hours at upper rated temperature.
Vibration
IEC 60068–2–6
Test Fc
3 directions at 2 hours each. 10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–27–
Test Eb
4,000 bumps at 390 m/s2
Rapid Change of Temperature
IEC 60068–2–14
Test Na
Upper and lower rated temperature 5 cycles
Active Flammability
IEC 60384–14
V
R + 20 surge pulses at 5 kV (pulse every 5 seconds)
Passive Flammability
IEC 60384–14
IEC 60695–11–5
Needle-flame test
Humidity
IEC 60068–2–3
Test Ca
+40°C and 90 – 95% R.H.
Damp Heat Steady State
IEC 60068-2-78
Test Cab
+40 ±2°C and 93 ±3% R.H., 56 days
Operational Life Test
AEC-Q200: MIL-STD-202
Method 108
100% of rated voltage above 85ºC. 1,000h/110ºC
Humidity Bias Test
AEC-Q200: MIL-STD-202
Method 103
Rated voltage. 1,000h. 40ºC/93%RH
Temperature Cycling Test
AEC-Q200: JESD22-A104
Unpowered. 1,000 cycles. 110ºC/-40ºC
Approvals
Certification Body
Mark
Specification
File Number
IMQ S.p.A.
EN/IEC 60384–14
CA08.00226
UL
UL 60384 and
CAN/CSA E60384–14
E97797
Environmental Compliance
All KEMET EMI capacitors are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com