Electronic Components Datasheet Search
  English  ▼

X  

SMP253 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 2 Page - Kemet Corporation

  SMP253 Datasheet HTML 1Page - Kemet Corporation SMP253 Datasheet HTML 2Page - Kemet Corporation SMP253 Datasheet HTML 3Page - Kemet Corporation SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation SMP253 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
© KEMET Electronics Corporation • One East Broward Boulevard
F3142_SMP253_Y2_300 • 4/24/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors – SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
Benefits cont.
• Climatic category: 40/110/56/B, IEC 60068–1
• Tape & Reel packaging in accordance with IEC 60286–3
• RoHS compliance and lead-free terminations
• Operating temperature range of −40°C to +110°C
• 100% screening factory test at 3,200 VDC
• Highest possible safety regarding active and passive
flammability
• Excellent self-healing properties ensure long life, even
when subjected to frequent overvoltages
• Good resistance to ionization due to impregnated dielectric
Ordering Options Table
Chip Size (EIA)
Packaging Type
KEMET
Packaging
Code
Legacy
Packaging
Code
5045
Tape & Reel (Horizontal Taping Orientation)
V
TR24
5026
Tape & Reel (Vertical Taping Orientation)
Y
TV24
Dimensions – Millimeters
Chip
Size
W
T
L
F
EIA
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
5045
11.5
-0 /+0.6
6.5
-0/+0.4
12.7
-0/+0.4
0.5
Nominal
5026
6.5
-0 /+0.6
11.5
-0/+0.4
12.7
-0/+0.4
0.5
Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com