Electronic Components Datasheet Search
  English  ▼

X  

SMP253 Datasheet(PDF) 11 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation SMP253 Datasheet HTML 9Page - Kemet Corporation SMP253 Datasheet HTML 10Page - Kemet Corporation SMP253 Datasheet HTML 11Page - Kemet Corporation SMP253 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
© KEMET Electronics Corporation • One East Broward Boulevard
F3142_SMP253_Y2_300 • 4/24/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors – SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
Carrier Taping & Packaging (IEC 60286–3)
Horizontal Taping Orientation
4.0 ±0.1
P
1
A
0
K
0
Direction of Unreeling
Ø1.5 +0.1
−0
EIA Size Code
Horizontal
Mounting
Dimensions in mm
Taping Specification
B
H
L
W
P
1
A
0
B
0
K
0
D
W
1
W
2
Nominal
Nominal
Nominal
−0/+0.3
+/−0.1
Nominal
Nominal
Nominal
±2.0
−0/+2
Maximum
5045
11.5
6.5
12.7
24.0
16.0
11.9
13.1
6.8
330
24.4
30.0
Vertical Taping Orientation
Side View
K
0
B
0
P
1
W
A
0
EIA Size Code
Vertical
Mounting
Dimensions in mm
Taping Specification
B
H
L
W
P
1
A
0
B
0
K
0
D
W
1
W
2
Nominal
Nominal
Nominal
−0/+0.3
+/−0.1
Nominal
Nominal
Nominal
±2.0
−0/+2
Maximum
5026 (5045)
12.7
6.5
11.5
24.0
16.0
6.9
13.1
11.8
330
24.4
30.0
D
W
2
W
1
D
W
2
W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com