Electronic Components Datasheet Search
  English  ▼

X  

LCHM Datasheet(PDF) 2 Page - Linear Technology

Part # LCHM
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHM Datasheet(HTML) 2 Page - Linear Technology

  LCHM Datasheet HTML 1Page - Linear Technology LCHM Datasheet HTML 2Page - Linear Technology LCHM Datasheet HTML 3Page - Linear Technology LCHM Datasheet HTML 4Page - Linear Technology LCHM Datasheet HTML 5Page - Linear Technology LCHM Datasheet HTML 6Page - Linear Technology LCHM Datasheet HTML 7Page - Linear Technology LCHM Datasheet HTML 8Page - Linear Technology LCHM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT3014B
3014bf
ORDER PART
NUMBER
DD PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 40°C/ W
θJC = 10°C/ W MEASURED AT PIN 9.
LT3014BEDD
LT3014BHVEDD
LCHM
LCHP
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 150°C/ W
θJC = 25°C/ W MEASURED AT PIN 2.
SEE APPLICATIONS INFORMATION SECTION.
S5 PART MARKING
LT3014BES5
LT3014BHVES5
LTCHK
LTCHN
(Note 1)
IN Pin Voltage, Operating .................................
±80V
Transient (2ms Survival, LT3014BHV) ........... +100V
OUT Pin Voltage ...............................................
±60V
IN to OUT Differential Voltage ...........................
±80V
ADJ Pin Voltage ..................................................
±7V
Output Short-Circuit Duration ..................... Indefinite
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 20mA
●
3
3.3
V
ADJ Pin Voltage
VIN = 3.3V, ILOAD = 100µA
1.200
1.220
1.240
V
(Notes 2, 3)
3.3V < VIN < 80V, 100µA < ILOAD < 20mA
● 1.180
1.220
1.260
V
Line Regulation
∆VIN = 3.3V to 80V, ILOAD = 100µA (Note 2)
●
110
mV
Load Regulation
VIN = 3.3V, ∆ILOAD = 100µA to 20mA (Note 2)
13
25
mV
VIN = 3.3V, ∆ILOAD = 100µA to 20mA
●
40
mV
Dropout Voltage
ILOAD = 100µA
120
180
mV
VIN = VOUT(NOMINAL) (Notes 4, 5)
ILOAD = 100µA
●
250
mV
ILOAD = 1mA
200
270
mV
ILOAD = 1mA
●
360
mV
ILOAD = 10mA
300
350
mV
ILOAD = 10mA
●
450
mV
ILOAD = 20mA
350
410
mV
ILOAD = 20mA
●
570
mV
GND Pin Current
ILOAD = 0mA
●
720
µA
VIN = VOUT(NOMINAL)
ILOAD = 100µA
●
12
30
µA
(Notes 4, 6)
ILOAD = 1mA
●
40
100
µA
ILOAD = 10mA
●
250
450
µA
ILOAD = 20mA
●
650
1000
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
Storage Temperature Range
ThinSOT Package......................... –65
°C to 150°C
DFN Package ............................... –65
°C to 125°C
Operating Junction Temperature Range
(Notes 3, 9, 10) ........................... –40
°C to 125°C
Lead Temperature, SOT-23
(Soldering, 10 sec) ..................................... 300
°C
5 OUT
4 ADJ
IN 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
GND 2
NC 3
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 9)
MUST BE SOLDERED TO PCB
5
6
7
8
4
3
2
1
OUT
ADJ
NC
GND
IN
NC
NC
NC
9
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com