Electronic Components Datasheet Search
  English  ▼

X  

LCHM Datasheet(PDF) 5 Page - Linear Technology

Part # LCHM
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHM Datasheet(HTML) 5 Page - Linear Technology

  LCHM Datasheet HTML 1Page - Linear Technology LCHM Datasheet HTML 2Page - Linear Technology LCHM Datasheet HTML 3Page - Linear Technology LCHM Datasheet HTML 4Page - Linear Technology LCHM Datasheet HTML 5Page - Linear Technology LCHM Datasheet HTML 6Page - Linear Technology LCHM Datasheet HTML 7Page - Linear Technology LCHM Datasheet HTML 8Page - Linear Technology LCHM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT3014B
3014bf
TEMPERATURE (
°C)
–50
70
25
3014 G17
64
60
–25
0
50
58
56
72
68
66
62
75
100
125
VIN = 7V + 0.5VP-P
RIPPLE AT f = 120Hz
IL = 20mA
TYPICAL PERFOR A CE CHARACTERISTICS
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
TEMPERATURE (
°C)
–50
7
25
3014 G16
4
2
–25
0
50
1
0
8
6
5
3
75
100
125
VIN = 0V
VOUT = VADJ = 1.22V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
3014 G18
70
40
20
10
0
80
60
50
30
VIN = 7V + 50mVRMS RIPPLE
IL = 20mA
COUT = 4.7µF
COUT = 0.47µF
Load Regulation
Minimum Input Voltage
Output Noise Spectral Density
TEMPERATURE (
°C)
–50
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
3014 G19
–25
0
50
100
125
ILOAD = 20mA
TEMPERATURE (
°C)
–50
–5
25
3014 G20
–20
–30
–25
0
50
–35
–40
0
–10
–15
–25
75
100
125
∆IL = 100µA TO 20mA
VOUT = 1.22V
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
3014 G21
0.01
100
10
COUT = 0.47µF
IL = 20mA
VOUT = 1.22V
TIME (
µs)
0
–0.02
0.02
800
3014 G23
4
–0.04
0
0.04
6
2
0
200
400
600
1000
VIN = 7V
VOUT = 5V
CIN = COUT = 0.47µF CERAMIC
∆ILOAD = 1mA TO 5mA
10Hz to 100kHz Output Noise
VOUT
200
µV/DIV
COUT = 0.47µF
1ms/DIV
3014 G22
IL = 20mA
VOUT = 1.22V
Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com