Electronic Components Datasheet Search
  English  ▼

X  

LCHM Datasheet(PDF) 3 Page - Linear Technology

Part # LCHM
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHM Datasheet(HTML) 3 Page - Linear Technology

  LCHM Datasheet HTML 1Page - Linear Technology LCHM Datasheet HTML 2Page - Linear Technology LCHM Datasheet HTML 3Page - Linear Technology LCHM Datasheet HTML 4Page - Linear Technology LCHM Datasheet HTML 5Page - Linear Technology LCHM Datasheet HTML 6Page - Linear Technology LCHM Datasheet HTML 7Page - Linear Technology LCHM Datasheet HTML 8Page - Linear Technology LCHM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT3014B
3014bf
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Noise
COUT = 0.47µF, ILOAD = 20mA, BW = 10Hz to 100kHz
115
µVRMS
ADJ Pin Bias Current
(Note 7)
4
10
nA
Ripple Rejection
VIN = 7V(Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 20mA
60
70
dB
Current Limit
VIN = 7V, VOUT = 0V
70
mA
VIN = 3.3V, ∆VOUT = –0.1V (Note 2)
●
25
mA
Input Reverse
VIN = –80V, VOUT = 0V
●
6mA
Leakage Current
Reverse Output Current
VOUT = 1.22V, VIN < 1.22V (Note 2)
2
4
µA
(Note 8)
ELECTRICAL CHARACTERISTICS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3014B is tested and specified for these conditions with the
ADJ pin connected to the OUT pin.
Note 3: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 4: To satisfy requirements for minimum input voltage, the LT3014B
is tested and specified for these conditions with an external resistor divider
(249k bottom, 392k top) for an output voltage of 3.3V. The external
resistor divider adds a 5
µA DC load on the output.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage is equal to (VIN – VDROPOUT).
Note 6: GND pin current is tested with VIN = VOUT (nominal) and a current
source load. This means the device is tested while operating in its dropout
region. This is the worst-case GND pin current. The GND pin current
decreases slightly at higher input voltages.
Note 7: ADJ pin bias current flows into the ADJ pin.
Note 8: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out of the GND pin.
Note 9: The LT3014BE is guaranteed to meet performance specifications
from 0
°C to 125°C operating junction temperature. Specifications over
the –40
°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
Note 10: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT CURRENT (mA)
3014 G01
016
4
2
6
10
14
18
812
20
500
450
400
300
350
250
200
150
100
50
0
TJ = 125°C
TJ = 25°C
Typical Dropout Voltage
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
4
8
12
16
3014 G02
20
2
0
6
10
14
18
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (
°C)
–50
0
50
150
200
250
500
350
0
50
75
3014 G03
100
400
450
300
–25
25
100
125
IL = 20mA
IL = 10mA
IL = 1mA
IL = 100µA
Guaranteed Dropout Voltage
Dropout Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com