Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5676 Datasheet HTML 13Page - Analog Devices AD5676 Datasheet HTML 14Page - Analog Devices AD5676 Datasheet HTML 15Page - Analog Devices AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices AD5676 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 17 of 32
Figure 37. Source and Sink Capability at VDD = 5.5 V
Figure 38. IDD vs. Code
Figure 39. IDD vs. Temperature
Figure 40. IDD vs. Supply Voltage
Figure 41. IDD vs. Logic Input Voltage
Figure 42. Settling Time
–1
0
1
2
3
4
5
6
7
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
OUTPUT CURRENT (A)
0xFFFF
0xC000
0x8000
0x4000
0x0000
VDD = 5.5V
GAIN = 2
TA = 25°C
INTERNAL REFERENCE = 2.5V
2.4
2.6
2.8
3
3.2
3.4
3.6
0
10000
20000
30000
40000
50000
60000
70000
CODE
DEVICE 1
DEVICE 2
DEVICE 3
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
–40
10
60
110
TEMPERATURE (°C)
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
VDD = 5.5V
GAIN = 1
INTERNAL REFERENCE = 2.5V
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
GAIN = 1
TA = 25°C
INTERNAL REFERENCE = 2.5V
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
LOGIC INPUT VOLTAGE (V)
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
VDD = 5.5V
GAIN = 1
TA = 25°C
INTERNAL REFERENCE = 2.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–2
–1
0
1
2
3
4
5
TIME (µs)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH 8
CH 9
CH 10
CH 11
CH 12
CH 13
CH 14
CH 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com