Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices AD5676 Datasheet HTML 21Page - Analog Devices AD5676 Datasheet HTML 22Page - Analog Devices AD5676 Datasheet HTML 23Page - Analog Devices AD5676 Datasheet HTML 24Page - Analog Devices AD5676 Datasheet HTML 25Page - Analog Devices AD5676 Datasheet HTML 26Page - Analog Devices AD5676 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 23 of 32
THEORY OF OPERATION
DAC
The AD5674/AD5674R/AD5679/AD5679R are 16-channel,
12-/16-bit, serial input, voltage output DAC with an internal
reference. The device operates from supply voltages of 2.7 V to
5.5 V. Data is written to the AD5674/AD5674R/AD5679/
AD5679R in a 24-bit word format via a 3-wire serial interface.
The AD5674/AD5674R/AD5679/AD5679R incorporate a POR
circuit to ensure that the DAC output powers up to a known
output state. The device also has a software power-down mode
that reduces the typical current consumption to 2 µA.
TRANSFER FUNCTION
The internal reference is on by default.
The gain of the output amplifier can be set to ×1 or ×2 using the
span set pin (GAIN). When the GAIN pin is tied to GND, all
16 DAC outputs have a span from 0 V to VREF. When the GAIN
pin is tied to VLOGIC, all 16 DACs output a span of 0 V to
2 × VREF.
DAC ARCHITECTURE
The AD5674/AD5674R/AD5679/AD5679R implement a
segmented string DAC architecture with an internal output
buffer. Figure 57 shows the internal block diagram.
Figure 57. Single DAC Channel Architecture Block Diagram
Figure 58. Resistor String Structure
Figure 58 shows the resistor string structure. The code loaded to
the DAC register determines the node on the string where the
voltage is tapped off and fed into the output amplifier. The voltage
is tapped off by closing one of the switches and connecting the
string to the amplifier. Because each resistance in the string has
the same value, R, the string DAC is guaranteed monotonic.
Internal Reference
The AD5674R/AD5679R on-chip reference is enabled at power-
up, but can be disabled via a write to the control register. See the
Internal Reference Setup section for details.
The AD5674R/AD5679R have a 2.5 V, 2 ppm/°C reference,
resulting in a full-scale output of 2.5 V or 5 V, depending on the
state of the GAIN pin. The internal reference associated with
the device is available at the VREF pin. This buffered reference
is capable of driving external loads of up to 15 mA.
Output Amplifiers
The output buffer amplifier generates rail-to-rail voltages on its
output. The actual range depends on the value of VREF, the gain
setting, the offset error, and the gain error.
The output amplifiers can drive a load of 1 kΩ in parallel with
10 nF to GND. The slew rate is 0.8 V/µs, with a typical ¼ to ¾
scale settling time of 6 µs.
SERIAL INTERFACE
The AD5674/AD5674R/AD5679/AD5679R use a 3-wire serial
interface (SYNC, SCLK, and SDI, compatible with SPI, QSPI™,
and MICROWIRE interface standards, as well as most digital
signal processors (DSPs). See Figure 2 for a timing diagram of a
typical write sequence. The
AD5674/AD5674R/AD5679/AD5679R contain an SDO pin to
allow the user to daisy-chain multiple devices together (see the
Daisy-Chain Operation section) or for readback.
Input Shift Register
The input shift register of the
AD5674/AD5674R/AD5679/AD5679R is 24 bits wide. Data is
loaded MSB first (DB23), and the first four bits are the command
bits, C3 to C0 (see Table 10, followed by the 4-bit DAC address
bits, A3 to A0 (see Table 11), and finally, the 16-bit data-word.
The data-word is comprised of a 16-bit input code for the AD5679
and AD5679R, and a 12-bit code followed by four zeroes, or
don’t care bits, for the AD5674 and AD5674R models (see
Figure 60 and Figure 59). These data bits are transferred to the
input register on the 24 falling edges of SCLK and are updated
on the rising edge of SYNC.
Commands execute on individual DAC channels, combined DAC
channels, or on all DACs, depending on the DAC address bits
selected.
INPUT
REGISTER
2.5V
REF
DAC
REGISTER
RESISTOR
STRING
REF (+)
REF (–)
VREF
VOUTx
GND
GAIN
(GAIN = 1 OR 2)
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com