Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5676 Datasheet HTML 15Page - Analog Devices AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices AD5676 Datasheet HTML 21Page - Analog Devices AD5676 Datasheet HTML 22Page - Analog Devices AD5676 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 19 of 32
Figure 49. Noise Spectral Density (NSD)
Figure 50. Total Harmonic Distortion (THD) at 1 kHz
Figure 51. Settling Time at Various Capacitive Loads
Figure 52. Hardware Reset
Figure 53. Internal Reference ND vs. Frequency
Figure 54. VREF vs. Temperature
0
200
400
600
800
1000
1200
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
GAIN = 1
INTERNAL REFERENCE = 2.5V
FULL SCALE
MIDSCALE
ZERO SCALE
–170
–150
–130
–110
–90
–70
–50
–30
–10
10
0
5
10
15
20
FREQUENCY (kHz)
TIME (ms)
0.13
0.14
0.15
0.16
0
0.5
1.0
1.5
2.0
2.5
VDD = 5V
GAIN = 1
TA = 25°C
VREF = 2.5V
0nF
0.1nF
1nF
4.7nF
10nF
–0.10
–0.05
0
0.30
0.25
0.20
0.15
0.10
0.05
–2
–1
0
1
2
3
4
5
6
–10
10
30
50
TIME (µs)
RESET
ZERO SCALE, GAIN = 1
MIDSCALE, GAIN = 1
0
200
400
600
800
1000
1200
1400
1600
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE1
DEVICE2
DEVICE3
DEVICE4
DEVICE5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com