Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5676 Datasheet HTML 24Page - Analog Devices AD5676 Datasheet HTML 25Page - Analog Devices AD5676 Datasheet HTML 26Page - Analog Devices AD5676 Datasheet HTML 27Page - Analog Devices AD5676 Datasheet HTML 28Page - Analog Devices AD5676 Datasheet HTML 29Page - Analog Devices AD5676 Datasheet HTML 30Page - Analog Devices AD5676 Datasheet HTML 31Page - Analog Devices AD5676 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 29 of 32
SOLDER HEAT REFLOW
As with all IC reference voltage circuits, the reference value
experiences a shift induced by the soldering process. Analog
Devices, Inc., performs a reliability test called precondition to
mimic the effect of soldering a device to a board. The output
voltage specification quoted previously includes the effect of
this reliability test.
Figure 64 shows the effect of solder heat reflow (SHR) as
measured through the reliability test (precondition).
Figure 64. SHR Reference Voltage Shift
LONG-TERM TEMPERATURE DRIFT
Figure 65 shows the change in VREF value after 1000 hours at 25°C
ambient temperature.
Figure 65. Reference Drift Through to 1000 Hours
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient to
cold to hot, and then back to ambient.
Figure 66 shows thermal hysteresis data. Thermal hysteresis is
measured by sweeping the temperature from ambient to −40°C,
then to +125°C, and returning to ambient. The ∆VREF, shown in
blue in Figure 66, is then measured between the two ambient
measurements. The same temperature sweep and measurements
are immediately repeated and the results are shown in red in
Figure 66.
Figure 66. Thermal Hysteresis
0
50
100
150
200
250
300
350
400
VREF (V)
POSTSOLDER HEAT REFLOW
PRESOLDER HEAT REFLOW
120
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
ELAPSED TIME (Hours)
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
–130 –110
–90
–70
–50
–30
–10
10
30
50
70
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com