Electronic Components Datasheet Search
  English  ▼

X  

LTC3214 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology LTC3214 Datasheet HTML 10Page - Linear Technology LTC3214 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3214
7
3214fa
OPERATIO
2.2
µF
2.2
µF
4.7
µF
ILED*
ILED
VIN
2.9V TO 4.5V
2.2
µF
ON/OFF
TORCH/FLASH
EN
LTC3214
R2
*ITORCH = [(1.21V/R1) – ((VIO – 1.21V)/R2)] • 2950
IFLASH = [(1.21V/(R1 • R2/(R1 + R2))] • 2950
C1+
C1– C2+
C2–
ISET
3214 F02
CPO
R1
VIO
VIO
µP
Figure 2. Recommended Circuit for Attaining Two Current Levels (Torch and Flash Modes)
ROL is dependent on a number of factors including the
oscillator frequency, flying capacitor values and switch
resistances. From Figure 1, we can see that the output
current is proportional to:
15
2
.–
–
V
CPO
R
OR
V
CPO
R
IN
OL
IN
OL
in the 1.5x mode or 2x mode respectively.
LED Current Programming
The LTC3214 includes an accurate, programmable cur-
rent source that is capable of driving LED currents up to
300mA continuously and up to 500mA for pulsed opera-
tion. Pulsed operation may be achieved by toggling the EN
pin. In either continuous or pulsed operation, proper
board layout is required for effective heat sinking.
The current may be programmed using a single external
resistor. Equation 1, used to calculate the resistor value
from the desired current level is repeated below:
RSET = 3570/ILED
For applications requiring multiple current levels, several
schemes may be used to change the resistance for the
RSET resistor. Figure 2 shows one such scheme. The
circuit in Figure 2 uses the I/O output of a microcontroller
to switch a second resistor (R2) in parallel or series with
R1, changing the effective ISET current.
Mode Switching
The LTC3214 will automatically switch from 1x mode to
1.5x mode, and subsequently from 1.5x mode to 2x mode
whenever the LED forward voltage approaches the maxi-
mum CPO voltage for that mode. The part will wait
approximately 2.5ms before switching to the next mode.
This delay allows the LED to warm up and reduce its
forward voltage which may remove the dropout condition.
The part may be reset to 1X mode by bringing the part into
shutdown by setting the EN pin low. Once the EN pin is
low, it may be immediately brought high to re-enable the
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com