Electronic Components Datasheet Search
  English  ▼

X  

LTC3214 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 4 Page - Linear Technology

  LTC3214 Datasheet HTML 1Page - Linear Technology LTC3214 Datasheet HTML 2Page - Linear Technology LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3214
4
3214fa
3214 G12
VCPO
50mV/DIV
A/C COUPLED
500ns/DIV
VIN = 3.6V
ICPO = 400mA
3214 G11
VCPO
50mV/DIV
500ns/DIV
VIN = 3.6V
ICPO = 200mA
TYPICAL PERFOR A CE CHARACTERISTICS
1.5x Mode CPO Output Ripple
2x Mode CPO Output Ripple
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Supply Voltage
Efficiency vs VIN
ISET/ILED Current Ratio
vs ILED Current
VIN (V)
2.9
100
90
80
70
60
50
40
30
20
10
0
3.3
3.7
3.9
3215 G08
3.1
3.5
4.1
4.3
4.5
100mA
50mA
300mA
200mA
LED = AOT2015
VF = 2.9V TYP AT 100mA
ILED CURRENT (mA)
0
2700
2800
2900
3000
–40
°C
85
°C
3100
200
100
300
400
500
3214 G09
3200
3300
25
°C
(TA = 25°C unless otherwise specified)
ILED Current vs Input Voltage
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3214 G06
INPUT VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
910
900
870
890
880
860
850
840
830
3214 G07
SUPPLY VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
VIN (V)
600
500
400
300
200
100
0
3214 G10
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
72.2k
36.6k
17.4k
11.8k
7.15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com