Electronic Components Datasheet Search
  English  ▼

X  

LTC3214 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 5 Page - Linear Technology

  LTC3214 Datasheet HTML 1Page - Linear Technology LTC3214 Datasheet HTML 2Page - Linear Technology LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3214
5
3214fa
PI FU CTIO S
BLOCK DIAGRA
GND
–
+
CONTROL
LOGIC
CPO
ILED
GND
ISET
VIN
VIN
EN
C1+
C1–
C2+
C2–
3214 BD
CURRENT
SOURCE
CONTROL
VREF
VOLTAGE
CLAMP
58
Ω
0.11
Ω
250k
OSCILLATOR
MODE
CONTROL
2
10
1
8
3
4
11
5
9
6
7
C2+, C1+, C2–, C1– (Pins 1, 2, 8, 10): Charge Pump Flying
Capacitor Pins. A 2.2
µF X5R or X7R ceramic capacitor
should be connected from C1+ to C1– and from C2+ to
C2–.
CPO (Pin 3): Output. CPO is the output of the charge
pump. This pin may be enabled or disabled using the EN
input. A 4.7
µF X5R or X7R ceramic capacitor is required
from CPO to GND.
ILED (Pin 4): Input. ILED is the LED current sense pin. The
LED is connected between CPO (anode) and ILED (cath-
ode). The current into the ILED pin is set by a resistor
connected to the ISET pin and regulated internally.
ISET (Pin 5): LED Current Programming Resistor Pin. A
resistor connected between this pin and GND is used to set
the LED current level.
EN (Pin 6): Input. The EN pin is used to enable the part and
bring it into shutdown mode. An internal 250k
Ω resistor
pulls this pin to GND when left floating.
VIN (Pin 7): Power. Supply voltage for the LTC3214. VIN
should be bypassed with a 2.2
µF to 4.7µF low impedance
ceramic capacitor to GND.
GND (Pin 9): Charge Pump Ground. This pin should be
connected directly to a low impedance ground plane.
Exposed Pad (Pin 11): Control Signal Ground. This pad
must be soldered to a low impedance ground plane for
optimum thermal and electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com