Electronic Components Datasheet Search
  English  ▼

X  

LTC3419 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 1 Page - Linear Technology

  LTC3419 Datasheet HTML 1Page - Linear Technology LTC3419 Datasheet HTML 2Page - Linear Technology LTC3419 Datasheet HTML 3Page - Linear Technology LTC3419 Datasheet HTML 4Page - Linear Technology LTC3419 Datasheet HTML 5Page - Linear Technology LTC3419 Datasheet HTML 6Page - Linear Technology LTC3419 Datasheet HTML 7Page - Linear Technology LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3419
1
3419f
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
10
1
0.1
0.01
0.001
0.0001
0.1
10
100
1000
3419 TA01b
1
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.6V
■
Cellular Telephones
■
Digital Still Cameras
■
Wireless and DSL Modems
■
Portable Media Players
■
PDAs/Palmtop PCs
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Monolithic 600mA
Synchronous Step-Down
Regulator
The LTC®3419 is a dual, 2.25MHz, constant-frequency,
synchronous step-down DC/DC converter in a tiny
3mm × 3mm DFN package. 100% duty cycle provides
low dropout operation, extending battery life in portable
systems. Low output voltages are supported with the 0.6V
feedback reference voltage. Each regulator can supply
600mA output current.
The input voltage range is 2.5V to 5.5V, making it ideal
for Li-Ion and USB powered applications. Supply cur-
rent during operation is only 35μA and drops to <1μA in
shutdown. A user-selectable mode input allows the user
to trade off between high efficiency Burst Mode operation
and pulse-skipping mode.
An internally set 2.25MHz switching frequency allows the
use of tiny surface mount inductors and capacitors. Inter-
nal soft-start reduces inrush current during start-up. Both
outputs are internally compensated to work with ceramic
output capacitors. The LTC3419 is available in a low profile
(0.75mm) 3mm × 3mm DFN package. The LTC3419 is also
available in a fixed output voltage configuration selected
via internal resistor dividers (see Table 2).
Dual Monolithic Buck Regulator in 8-Lead 3 × 3 DFN
■
High Efficiency Dual Step-Down Outputs: Up to 96%
■
600mA Current per Channel at VIN = 3V
■
Only 35μA Quiescent Current During Operation
(Both Channels)
■
2.25MHz Constant-Frequency Operation
■
2.5V to 5.5V Input Voltage Range
■
Low Dropout Operation: 100% Duty Cycle
■
No Schottky Diodes Required
■
Internally Compensated for All Ceramic Capacitors
■
Independent Internal Soft-Start for Each Channel
■
Available in Fixed Output Versions
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
0.6V Reference Allows Low Output Voltages
■
User-Selectable Burst Mode® Operation
■
Short-Circuit Protected
■
Ultralow Shutdown Current: IQ < 1μA
■
Available in Small MSOP or 3mm × 3mm
DFN-8 Packages
, LT, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6127815, 6304066, 6498466, 6580258, 6611131.
Efficiency and Power Loss vs
Output Current
VIN
RUN2
RUN1
LTC3419
VFB2
SW2
SW1
MODE
VFB1
22pF
22pF
GND
VIN
2.5V TO 5.5V
VOUT2
1.8V AT
600mA
VOUT1
2.5V AT
600mA
3419 TA01
118k
187k
59k
59k
3.3
μH3.3μH
10
μF
10
μF
10
μF


Similar Part No. - LTC3419

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
More results

Similar Description - LTC3419

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
Monolithic 600mA Step-Down Regulator
August 16, 2005
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
Monolithic 600mA Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com