Electronic Components Datasheet Search
  English  ▼

X  

LTC3419 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 5 Page - Linear Technology

  LTC3419 Datasheet HTML 1Page - Linear Technology LTC3419 Datasheet HTML 2Page - Linear Technology LTC3419 Datasheet HTML 3Page - Linear Technology LTC3419 Datasheet HTML 4Page - Linear Technology LTC3419 Datasheet HTML 5Page - Linear Technology LTC3419 Datasheet HTML 6Page - Linear Technology LTC3419 Datasheet HTML 7Page - Linear Technology LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3419
5
3419f
VIN (V)
2.5
0.6
0.4
0
0.2
–0.2
–0.4
–0.6
4.0
5.0
3419 G16
3.0
3.5
4.5
5.5
VOUT = 1.8V
ILOAD = 100mA
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
3419 G10
1
VOUT = 1.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
3419 G11
1
VOUT = 1.8V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
3419 G12
1
VOUT = 2.5V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
Load Regulation
Load Regulation
Line Regulation
Start-Up from Shutdown
Start-Up from Shutdown
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
3419 G13
1
VOUT = 1.8V
PULSE SKIP MODE
Burst Mode OPERATION
LOAD CURRENT (mA)
0
3.0
2.5
1.5
2.0
0.5
1.0
–0.5
0
–1.0
300
3419 G14
100
200
400
600
500
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
Burst Mode OPERATION
LOAD CURRENT (mA)
0
2.0
1.5
0.5
1.0
–0.5
0
–1.0
300
3419 G15
100
200
400
600
500
Burst Mode OPERATION
PULSE SKIP MODE
VOUT = 1.8V
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
RUN
2V/DIV
IL
500mA/DIV
VOUT
1V/DIV
250
μs/DIV
3419 G17
VIN = 3.6V
VOUT = 1.8V
RLOAD = 3Ω
RUN
2V/DIV
ILOAD
500mA/DIV
VOUT
1V/DIV
250
μs/DIV
3419 G18
TA = 25°C, VIN = 3.6V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com