Electronic Components Datasheet Search
  English  ▼

X  

LTC3419 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3419 Datasheet HTML 2Page - Linear Technology LTC3419 Datasheet HTML 3Page - Linear Technology LTC3419 Datasheet HTML 4Page - Linear Technology LTC3419 Datasheet HTML 5Page - Linear Technology LTC3419 Datasheet HTML 6Page - Linear Technology LTC3419 Datasheet HTML 7Page - Linear Technology LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology LTC3419 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3419
6
3419f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
Load Step
Load Step
PIN FUNCTIONS
VFB1 (Pin 1/Pin 1): Regulator 1 Output Feedback. Receives
the feedback voltage from the external resistive divider
across the regulator 1 output. Nominal voltage for this
pin is 0.6V.
RUN1 (Pin 2/Pin 2): Regulator 1 Enable. Forcing this pin
to VIN enables regulator 1, while forcing it to GND causes
regulator 1 to shut down.
MODE (Pin 3/Pin 3): Mode Select Input. To select pulse-
skipping mode, tie to VIN. Grounding this pin selects Burst
Mode operation. Do not leave this pin floating.
SW1 (Pin 4/Pin 4): Regulator 1 Switch Node Connection
to the Inductor. This pin swings from VIN to GND.
VIN (Pin 5/Pin 7): Main Power Supply. Must be closely
de-coupled to GND.
SW2 (Pin 6/Pin 8): Regulator 2 Switch Node Connection
to the Inductor. This pin swings from VIN to GND.
RUN2 (Pin 7/Pin 9): Regulator 2 Enable. Forcing this pin
to VIN enables regulator 2, while forcing it to GND causes
regulator 2 to shut down.
VFB2 (Pin 8/Pin 10): Regulator 2 Output Feedback. Re-
ceives the feedback voltage from the external resistive
divider across the regulator 2 output. Nominal voltage
for this pin is 0.6V.
Exposed Pad (Pin 9/NA): Ground. The Exposed Pad must
be soldered to PCB for optimal thermal performance.
GND (NA/Pins 5, 6): Ground. Connect to the (–) terminal
of COUT, and the (–) terminal of CIN. Pin 5 of the MS pack-
age must be soldered to the PC board for optimal thermal
performance.
(DD/MS)
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 600mA
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC-COUPLED
20
μs/DIV
3419 G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 40mA TO 600mA
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC-COUPLED
20
μs/DIV
3419 G20
VIN = 3.6V
VOUT = 1.2V
ILOAD = 40mA TO 600mA
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC-COUPLED
20
μs/DIV
3419 G21
TA = 25°C, VIN = 3.6V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com